| 전자부품 데이터시트 검색엔진 |
|
HTMS1301FTB/AF 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS1301FTB/AF 데이터시트(HTML) 1 Page - NXP Semiconductors |
|
1 / 44 page ![]() 1. General description The HITAG product line is well known and established in the contactless identification market. Due to the open marketing strategy of NXP Semiconductors there are various manufacturers well established for both the transponders/cards as well as the read/write devices. All of them supporting HITAG 1, HITAG 2 and HITAG S transponder ICs. With the new HITAG µ family, this existing infrastructure is extended with the next generation of ICs being substantially smaller in mechanical size, lower in cost, offering more operation distance and speed, but still being operated with the same reader infrastructure and transponder manufacturing equipment. The protocol and command structure for HITAG µ ISO 18000 is design to support Reader Talks First (RTF) operation, including anti-collision algorithm. 2. Features and benefits 2.1 Features Integrated circuit for contactless identification transponders and cards Integrated resonance capacitor of 210 pF with ± 3% tolerance or 280 pF with ± 5% tolerance over full production Frequency range 100 kHz to 150 kHz 2.2 Protocol Modulation read/write device → transponder: 100 % ASK and binary pulse length coding Modulation transponder → read/write device: Strong ASK modulation with anti-collision, Manchester coding Fast anti-collision protocol Data integrity check (CRC) Reader Talks First (RTF) Mode Data rate read/write device to transponder: 5.2 kbit/s Data rates transponder to read/write device: 4 kbit/s HITAG µ ISO 18000 transponder IC Rev. 3.0 — 18 March 2010 184430 Product data sheet PUBLIC |
유사한 부품 번호 - HTMS1301FTB/AF |
|
유사한 설명 - HTMS1301FTB/AF |