전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97672 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 ISL97672
상세설명  6-Channel LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97672 데이터시트(HTML) 3 Page - Renesas Technology Corp

  ISL97672 Datasheet HTML 1Page - Renesas Technology Corp ISL97672 Datasheet HTML 2Page - Renesas Technology Corp ISL97672 Datasheet HTML 3Page - Renesas Technology Corp ISL97672 Datasheet HTML 4Page - Renesas Technology Corp ISL97672 Datasheet HTML 5Page - Renesas Technology Corp ISL97672 Datasheet HTML 6Page - Renesas Technology Corp ISL97672 Datasheet HTML 7Page - Renesas Technology Corp ISL97672 Datasheet HTML 8Page - Renesas Technology Corp ISL97672 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ISL97672
FN7632 Rev.4.00
Page 3 of 17
Sep 8, 2017
Pin Configuration
ISL97672
(20 LD 4X3 QFN)
TOP VIEW
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
PACKAGE
(RoHS
Compliant)
PKG.
DWG. #
ISL97672IRZ
7672
20 Ld 4x3 QFN
L20.3x4
NOTES:
1. Add “-T” suffix for 6k unit or “-TK” suffix for 1k unit tape
and reel options. Refer to TB347 for details on reel
specifications.
2. These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die
attach materials, and 100% matte tin plate plus anneal
(e3 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for ISL97672. For more information on
MSL please see techbrief TB363.
FAULT
VIN
EN
VDC
PWM
/FLAG
OVP
CH5
CH4
CH3
CH2
CH1
1
2
3
4
5
6
16
15
14
13
12
11
20 19 18 17
789
10
Pin Descriptions (I = Input, O = Output, S = Supply)
PIN NAME
PIN # TYPE
DESCRIPTION
FAULT
1
O
Fault disconnect switch
VIN
2
S
Input voltage for the device and LED power
EN
3
I
The device needs 4ms for initial power-up Enable. It will be disabled if it is not biased for longer
than 28ms.
VDC
4
S
De-couple capacitor for internally generated supply rail.
PWM
5
I
PWM brightness control pin.
/FLAG
6
O
/Flag = 0 for any fault conditions. /Flag =1 for normal condition. Open drain that needs pull up.
NC
7
I
No Connect
FSW
8
I
Boost switching frequency set pin by connecting a resistor. See “Switching Frequency” on page 11
for resistor calculation
AGND
9
S
Analog Ground for precision circuits
CH0
10
I
Input 0 to current source, FB, and monitoring
CH1
11
I
Input 1 to current source, FB, and monitoring
CH2
12
I
Input 2 to current source, FB, and monitoring
CH3
13
I
Input 3 to current source, FB, and monitoring
CH4
14
I
Input 4 to current source, FB, and monitoring
CH5
15
I
Input 5 to current source, FB, and monitoring
OVP
16
I
Overvoltage protection input
RSET
17
I
Resistor connection for setting LED current, (see Equation 1 for calculating the ILEDpeak)
COMP
18
O
Boost compensation pin
PGND
19
S
Power ground (LX Power return)
LX
20
O
Input to boost switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com