전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97672 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 ISL97672
상세설명  6-Channel LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97672 데이터시트(HTML) 4 Page - Renesas Technology Corp

  ISL97672 Datasheet HTML 1Page - Renesas Technology Corp ISL97672 Datasheet HTML 2Page - Renesas Technology Corp ISL97672 Datasheet HTML 3Page - Renesas Technology Corp ISL97672 Datasheet HTML 4Page - Renesas Technology Corp ISL97672 Datasheet HTML 5Page - Renesas Technology Corp ISL97672 Datasheet HTML 6Page - Renesas Technology Corp ISL97672 Datasheet HTML 7Page - Renesas Technology Corp ISL97672 Datasheet HTML 8Page - Renesas Technology Corp ISL97672 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL97672
FN7632 Rev.4.00
Page 4 of 17
Sep 8, 2017
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VIN, EN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
FAULT . . . . . . . . . . . . . . . . . . . . . VIN - 8.5V to VIN + 0.3V
VDC, COMP, RSET, PWM, OVP, /FLAG, FSW . . . -0.3V to 5.5V
CH0 - CH5, LX . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 45V
PGND, AGND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Above voltage ratings are all with respect to AGND pin
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . 3kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . 1kV
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . 100mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
20 Ld QFN Package (Notes 4, 5, 7) .
40
2.5
Thermal Characterization (Typical)
PSIJT (°C/W)
20 Ld QFN Package (Note 6) . . . . . . . . . . . .
1
Absolute Maximum Junction Temperature . . . . . . . . +150°C
Recommended Max Operating Junction Temperature . +125°C
Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . see TB493
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach”
features. See TB379.
5. For JC, the “case temp” location is the center of the exposed metal pad on the package underside assumed under ideal case
temperature.
6. PSIJT is the junction-to-top thermal resistance. If the package top temperature can be measured, with this rating then the die
junction temperature can be estimated more accurately than the JC and JC thermal resistance ratings.
7. Refer to JESD51-7 high effective thermal conductivity board layout for proper via and plane designs.
Electrical Specifications All specifications below are tested at TA = +25°C; VIN = 12V, EN = 5V, RSET = 20.52k, unless
otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
GENERAL
VIN (Note 9)
Backlight Supply Voltage
TC = <+60°C
TA = +25°C
4.5
26.5
V
IVIN_STBY
VIN Shutdown Current
10
µA
VOUT
Output Voltage
4.5V < VIN 26V,
FSW = 600kHz
45
V
8.55V < VIN 26V,
FSW = 1.2MHz
45
V
4.5V < VIN 8.55V,
FSW =1.2MHz
VIN/0.19
V
Vuvlo
Undervoltage Lock-out Threshold
2.6
3.3
V
Vuvlo_hys
Undervoltage Lock-out Hysteresis
275
mV
ENABLE AND PWM GENERATOR
VIL
Guaranteed Range for PWM Input Low
Voltage
0.8
V
VIH
Guaranteed Range for PWM Input High
Voltage
1.5
VDD
V
FPWM
PWM Input Frequency Range
200
30,000
Hz
tON
Minimum On Time
250
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com