전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97672 데이터시트(PDF) 9 Page - Renesas Technology Corp

부품명 ISL97672
상세설명  6-Channel LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97672 데이터시트(HTML) 9 Page - Renesas Technology Corp

Back Button ISL97672 Datasheet HTML 5Page - Renesas Technology Corp ISL97672 Datasheet HTML 6Page - Renesas Technology Corp ISL97672 Datasheet HTML 7Page - Renesas Technology Corp ISL97672 Datasheet HTML 8Page - Renesas Technology Corp ISL97672 Datasheet HTML 9Page - Renesas Technology Corp ISL97672 Datasheet HTML 10Page - Renesas Technology Corp ISL97672 Datasheet HTML 11Page - Renesas Technology Corp ISL97672 Datasheet HTML 12Page - Renesas Technology Corp ISL97672 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL97672
FN7632 Rev.4.00
Page 9 of 17
Sep 8, 2017
FIGURE 15. LINE REGULATION WITH VIN CHANGE
FROM 26V TO 6V FOR 6P12S AT
20mA/CHANNEL
FIGURE 16. LOAD REGULATION WITH ILED CHANGE
FROM 0% TO 100% PWM DIMMING,
VIN = 12V, 6P12S AT 20mA/CHANNEL
FIGURE 17. LOAD REGULATION WITH ILED CHANGE
FROM 100% TO 0% PWM DIMMING,
VIN = 12V, 6P12S AT 20mA/CHANNEL
FIGURE 18. ISL97671 SHUTS DOWN AND STOPS
SWITCHING ~ 30ms AFTER EN GOES LOW
Typical Performance Curves (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com