전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97672 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 ISL97672
상세설명  6-Channel LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97672 데이터시트(HTML) 1 Page - Renesas Technology Corp

  ISL97672 Datasheet HTML 1Page - Renesas Technology Corp ISL97672 Datasheet HTML 2Page - Renesas Technology Corp ISL97672 Datasheet HTML 3Page - Renesas Technology Corp ISL97672 Datasheet HTML 4Page - Renesas Technology Corp ISL97672 Datasheet HTML 5Page - Renesas Technology Corp ISL97672 Datasheet HTML 6Page - Renesas Technology Corp ISL97672 Datasheet HTML 7Page - Renesas Technology Corp ISL97672 Datasheet HTML 8Page - Renesas Technology Corp ISL97672 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN7632
Rev.4.00
Sep 8, 2017
ISL97672
6-Channel LED Driver
DATASHEET
FN7632 Rev.4.00
Page 1 of 17
Sep 8, 2017
The ISL97672 is an integrated power LED driver that
controls 6 channels of LED current for LCD backlight
applications. The ISL97672 is capable of driving up to
78 LEDs from 4.5V to 26V or 48 LEDs from a boost
supply of 2.7V to 26V and a separate 5V bias supply on
the VIN pin.
The ISL97672 compensates for non-uniformity of the
forward voltage drops in the LED strings with its 6
voltage controlled-current source channels. Its
headroom control monitors the highest LED forward
voltage string for output regulation, to minimize the
voltage headroom and power loss in a typical
multi-string operation.
The ISL97672 allows direct PWM mode by following the
external signal from 0Hz to 30KHz at 0.4% to 100%
duty cycle and maintaining a typical ±0.7% current
matching between channels.
The ISL97672 features a separate EN pin and
extensive protection functions that flag whenever a
fault occurs. The protections include string open and
short circuit detections, OVP, OTP, thermal shutdown
and an optional input overcurrent protection with fault
disconnect switch.
Related Literature
• For a full list of related documents, visit our
website
- ISL97672 product page
Features
• 6 Channels
• 4.5V to 26.5V Input
•45V Output Max
• Up to 40mA LED Current per channel
• Direct PWM Dimming without Phase Shift
• PWM Dimming Linearity 0.4%~100% <30kHz
• Adjustable 200kHz to 1.4MHz Switching Frequency
• Dynamic Headroom Control
• Protections with Flag Indication
- String Open/Short Circuit, VOUT Short Circuit,
Overvoltage and Over-Temperature Protections
- Optional Master Fault Protection
• Current Matching ±0.7%
• 20 Ld 4mmx3mm QFN Package
Applications
• Notebook Displays LED Backlighting
• LCD Monitor LED Backlighting
• Automotive Displays LED Backlighting
• Automotive or Traffic Lighting
Typical Application Circuit
VIN = 4.5V~26.5V
PWM
COMP
VIN
FAULT
OVP
RSET
VOUT = 45V*, 40mA PER STRING
VDC
/FLAG
CH0
CH3
CH2
CH4
CH5
FSW
2
4
6
5
17
8
15
14
13
12
11
10
16
1
18
LX 20
PGND 19
AGND
9
ISL97672
CH1
EN
3
* VIN > 12V
FIGURE 1. ISL97672 TYPICAL APPLICATION DIAGRAM
OBSOLETE PRODUCT
RECOMMENDED REPLACEMENT PARTS
ISL97671A or ISL97672B


유사한 부품 번호 - ISL97672

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672 Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
ISL97672 INTERSIL-ISL97672 Datasheet
531Kb / 17P
6-Channel LED Driver Current Matching 짹0.7%
November 1, 2010
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A INTERSIL-ISL97672A Datasheet
684Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
logo
Renesas Technology Corp
ISL97672A RENESAS-ISL97672A Datasheet
1Mb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
Sep 14, 2017
More results

유사한 설명 - ISL97672

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
6-Channel LED Driver
May 9, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
6-Channel White LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
6-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com