전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC68331 데이터시트(PDF) 15 Page - NXP Semiconductors

부품명 MC68331
상세설명  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 데이터시트(HTML) 15 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 11Page - NXP Semiconductors MC68331 Datasheet HTML 12Page - NXP Semiconductors MC68331 Datasheet HTML 13Page - NXP Semiconductors MC68331 Datasheet HTML 14Page - NXP Semiconductors MC68331 Datasheet HTML 15Page - NXP Semiconductors MC68331 Datasheet HTML 16Page - NXP Semiconductors MC68331 Datasheet HTML 17Page - NXP Semiconductors MC68331 Datasheet HTML 18Page - NXP Semiconductors MC68331 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
MC68L300EC16/D
15
Figure 9 Bus Arbitration Timing Diagram — Idle Bus Case
Figure 10 Show Cycle Timing Diagram
68300 BUS ARB TIM IDLE
CLKOUT
A0
A5
ADDR[23:0]
DATA[15:0]
A2
A3
A0
A5
BR
AS
BG
BGACK
47A
33
33
47A
37
47A
35
CLKOUT
S0
S41
S42
S0
S1
S2
6
ADDR[23:0]
R/W
AS
8
DS
72
DATA[15:0]
BKPT
71
70
12
9
15
73
18
20
SHOW CYCLE
START OF EXTERNAL CYCLE
74
S43
68300 SHW CYC TIM
NOTE:
Show cycles can stretch during clock phase S42 when bus accesses take longer than two cycles due to IMB module
wait-state insertion.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com