전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSFLK-DS 데이터시트(PDF) 27 Page - Freescale Semiconductor, Inc

부품명 FSFLK-DS
상세설명  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS 데이터시트(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 27Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 28Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 29Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 30Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
1.
The Sensor Fusion algorithm has no intrinsic limitation; this was the maximum value supported by the gryo in Freescale
testing.
2.
Number of output sampling periods where one period = 40 ms
3.
Linear sensors, which yields very good compass heading values were assumed. However experience shows that +/5
degrees are more realistic values.
4.8.6
6-axis Accelerometer + Magnetometer Parametrics
NOTE: All parametrics provided in the following table are based on build 4.17 simulations. Build 5.00 is believed to
have similar performance.
Table 16. 6-axis Sensor Fusion Accel + Mag Performance Metrics
Characteristic
Symbol
Conditions(s)
Min
Typ
Max
Unit
Orientation static drift
OSD
See Orientation Static Drift
—
0.0018
—
degrees
Orientation static noise
OSN
See Orientation Static Noise
—
1.06
—
degrees
RMS
Orientation dynamic drift
ODD
See Orientation Dynamic Drift
—
1.16
—
degrees
Orientation response delay
ORD
See Orientation Response
Delay
—
<10
—
sample
periods
Er
ror!
Reference
source not
found.
2Compass heading
linearity
CHl
See Compass Heading
Linearity and Accuracy
—
1.20
—
degrees
Compass heading
accuracy2
CHacc
—
1.58
—
degrees
1.
Number of output sampling periods where one period = 40 ms
2.
Linear sensors, which yields very good compass heading values were assumed. However, experience shows that ±5
degrees are more realistic values.
4.8.7
6-axis Accelerometer + Gyro Parametrics
NOTE: All parametrics provided in the following table are based on build 4.17 simulations. Build 5.00 is believed to
have similar static and improved dynamic performance.
Table 17. 6-axis Sensor Fusion Gyro + Accel Performance Metrics
Characteristic
Symbol
Conditions(s)
Min
Typ
Max
Unit
Orientation static drift
OSD
See Orientation Static Drift
—
19.07
—
degrees
Orientation static noise
OSN
See Orientation Static Noise
—
0.068
—
degrees
RMS
Orientation dynamic drift
ODD
See Orientation Dynamic Drift
—
2.04
—
degrees
Max angular Rate
ARMAX
See Maximum Angular Rate
—
1440
—
dps
Orientation response delay
ORD
See Orientation Response
Delay
Error! Reference source not found.
—
<1
—
sample
periods
2
Gyro offset step response
TBD
See Gyro Offset Step
Response
—
3.76
—
seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com