전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSFLK-DS 데이터시트(PDF) 15 Page - Freescale Semiconductor, Inc

부품명 FSFLK-DS
상세설명  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS 데이터시트(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 11Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 12Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 13Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 14Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 15Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 16Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Kinetis Cortex M4
Table 5. Kinetis Cortex M4
Component / Parameter
Value
Baseboard
FRDM-K20D50M
Sensor Board
FRDM-FXS-MULT2-B
MCU
Kinetis MK20DX128VLH5
CPU
ARM® Cortex M4
CPU Clock
48 MHz
Bus Clock
24 MHz
Accelerometer
FXOS8700CQ
Magnetometer
Gyroscope
FXAS21000
Sensor Sampling Rate
200 Hz
Fusion Rate
25 Hz
Magnetic Calibration Rate
Twice per minute once full calibration is reached
This board combination is battery powered and nominally regulated to 3.3 V for use by the sensors in
question. Physically, the FRDM-K20D50M / FRDM-FXS-MULT2- B board combination is similar to the
KL25Z variant shown in Figure 8, with the exception that the bottom board is red.
Kinetis Cortex M4 with FPU
Table 6. Kinetis Cortex M4 with FPU
Component / Parameter
Value
Baseboard
FRDM-K64F / FRDM-K22F
Sensor Board
FRDM-FXS-MULT2-B
MCU
Kinetis MK64FN1M0VLL12 / MK22FN512VLH12
CPU
ARM® Cortex M4 with FPU
CPU Clock
120 MHz
Bus Clock
60 MHz
Accelerometer
FXOS8700CQ
Magnetometer
Gyroscope
FXAS21000
Sensor Sampling Rate
200 Hz
Fusion Rate
25 Hz
Magnetic Calibration Rate
Twice per minute once full calibration is reached
The FRDM-K64F /FRDM-K22F / FRDM-FXS-MULTI-B board combinations are similar to the KL25Z
variant shown in Figure 8, except that the bottom base board is different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com