전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSI721 데이터시트(PDF) 46 Page - Renesas Technology Corp

부품명 TSI721
상세설명  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 데이터시트(HTML) 46 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 42Page - Renesas Technology Corp TSI721 Datasheet HTML 43Page - Renesas Technology Corp TSI721 Datasheet HTML 44Page - Renesas Technology Corp TSI721 Datasheet HTML 45Page - Renesas Technology Corp TSI721 Datasheet HTML 46Page - Renesas Technology Corp TSI721 Datasheet HTML 47Page - Renesas Technology Corp TSI721 Datasheet HTML 48Page - Renesas Technology Corp TSI721 Datasheet HTML 49Page - Renesas Technology Corp TSI721 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
Tsi721 Datasheet
46
April 4, 2016
Integrated Device Technology
1. Total jitter is composed of three components, deterministic jitter, random jitter and single frequency sinusoidal jitter. The
sinusoidal jitter can have any amplitude and frequency in the unshaded region of the following figure. The sinusoidal jitter
component is included to ensure margin for the low frequency jitter, wander, noise, crosstalk and other variable system
effects.
Figure 8: S-RIO Single Frequency Sinusoidal Jitter Limits
Table 24: Level I Receiver Input Jitter Tolerance Specifications
Characteristic
Symbol
Reference
Minimum
Typical
Maximum
Units
Bit error ratio
BER
-
-
-
10-12
-
Bounded high probability jitter
R_BHPJ
Section
9.4.3.8
-
-
0.37
UIpp
Sinusoidal jitter, maximum
R_SJ-max
Section
9.4.3.8
--
8.5
UIpp
Sinusoidal jitter, high frequency
R_SJ-hf
Section
9.4.3.8
--
0.1
UIpp
Total Jitter (Does not include sinusoidal
jitter)
R_TJ
Section
9.4.3.8
-
-
0.55
UIpp
Total jitter tolerance1
R_JT
-
-
-
0.65
UIpp
Eye mask
R_X1
Section
9.4.3.8
--
0.275
UI
Eye mask
R_Y1
Section
9.4.3.8
--
100
mV
Eye mask
R_Y2
Section
9.4.3.8
--
800
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com