전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSI721 데이터시트(PDF) 26 Page - Renesas Technology Corp

부품명 TSI721
상세설명  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 데이터시트(HTML) 26 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 22Page - Renesas Technology Corp TSI721 Datasheet HTML 23Page - Renesas Technology Corp TSI721 Datasheet HTML 24Page - Renesas Technology Corp TSI721 Datasheet HTML 25Page - Renesas Technology Corp TSI721 Datasheet HTML 26Page - Renesas Technology Corp TSI721 Datasheet HTML 27Page - Renesas Technology Corp TSI721 Datasheet HTML 28Page - Renesas Technology Corp TSI721 Datasheet HTML 29Page - Renesas Technology Corp TSI721 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
Tsi721 Datasheet
26
April 4, 2016
Integrated Device Technology
2.11
Power Supply Signals
Table 10: Power Supply Signals
Name
Pin Type
Description
VDD
PWR
1.0V core power
VDDIO
PWR
3.3/2.5V power for LVTTL IO
AVDD10
PWR
1.0V PCIe and S-RIO SerDes analog power supply
AVDD25
PWR
2.5V PCIe and S-RIO SerDes analog power supply
AVTT
PWR
1.5V PCIe and S-RIO SerDes transmitter analog voltage
VSS
GND
Shared digital and analog ground
PCBIAS
IO
Reference for the corresponding PCIe SerDes bias currents and PLL calibration
circuitry. A 200 Ohm 1% 100ppm/C precision resistor should be connected from
this pin to ground and isolated from any source of noise injection.
SRBIAS
IO
Reference for the corresponding S-RIO SerDes bias currents and PLL
calibration circuitry. A 200 Ohm 1% 100ppm/C precision resistor should be
connected from this pin to ground and isolated from any source of noise
injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com