전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC68340 데이터시트(PDF) 289 Page - Freescale Semiconductor, Inc

부품명 MC68340
상세설명  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 데이터시트(HTML) 289 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 285Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 286Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 287Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 288Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 289Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 290Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 291Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 292Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 293Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 39
DMAINT1
EQU $4
interrupt register channel 1
DMACCR1
EQU $8
control register channel 1
DMACSR1
EQU $A
status register channel 1
DMAFCR1
EQU $B
function code register channel 1
DMASAR1
EQU $C
source address register channel 1
DMADAR1
EQU $10
destination address register channel 1
DMABTC1
EQU $14
byte transfer count register channel 1
SARADD
EQU $10000
source address
NUMBYTE
EQU $C
number of bytes to transfer
***************************************************************************
***************************************************************************
* Initialize DMA Channel 1
***************************************************************************
LEA
MODBASE+DMACH1,A0 Pointer to channel 1
* Initialize DMA channel 1 MCR
* Normal Operation, ignore FREEZE, single-address mode. ISM field at 2. Make
* sure CPU32 SR I2-I0 bits are less than or equal to ISM bits for channel startup.
* Supervisor/user reg. unrestricted, MAID field at 7. IARB priority at 1.
MOVE.W
#$1271,(A0)
* Clear channel control reg.
* Clear STR (start) bit to prevent the channel from starting a transfer early.
CLR.W
DMACCR1(A0)
* Initialize interrupt reg.
* Interrupt priority at 7, interrupt vector at $42.
MOVE.W
#$0742,DMAINT1(A0)
* Initialize channel status reg.
* Clear the DONE, BES, BED, CONF and BRKP bits to allow channel to startup.
MOVE.B
#$7C,DMACSR1(A0)
* Initialize function code reg.
* DMA space, user data space for source.
MOVE.B
#$99,DMAFCR1(A0)
* Initialize source operand address
* Source address is equal to $10000.
MOVE.L
SARADD,DMASAR1(A0)
* Initialize the byte transfer count reg.
* The number of bytes to be transferred is $C or 3 long words
MOVE.L
NUMBYTE,DMABTC1(A0)
* Channel control reg. init. and Start DMA transfers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More