| 전자부품 데이터시트 검색엔진 |
|
CSG14K_CSG8K 데이터시트(PDF) 82 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K 데이터시트(HTML) 82 Page - ams AG |
|
82 / 113 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v1-00 • 2020-Dec-15 112 │ 81 Equation 11: ������������������������������������ + (������������_������������������������ × ������������������������������ × 2������������������������������) < 3870 Equation 12: ������������������������������ × 2������������������������������ ≥ 480 Attention In binning modes, the XSTART address must be even (mono mode) or a multiple of 4 (color mode). The horizontal ROI configuration supports output channel multiplexing. This allows a user to read out the same horizontal ROI with a reduced number of output channels. Figure 97 shows the horizontal ROI settings for all multiplexing options using the recommended ROI. Figure 97: Output Channel Multiplexing for Recommended ROI Mode XSTART KSIZE NR_OUTP XSUBS(2) MUX.1 8 IMG.1 - 5: 480 IMG.7: 240 8 IMG.1 - 5 : 0 IMG.7: 1 MUX.2(1) 10 IMG.1 - 5 : 548 IMG.7: 274 7 IMG.1 - 5 : 0 IMG.7: 1 MUX.3 8 IMG.1 - 5 : 640 IMG.7: 320 6 IMG.1 - 5 : 0 IMG.7: 1 MUX.4 8 IMG.1 - 5 : 768 IMG.7: 384 5 IMG.1 - 5 : 0 IMG.7: 1 MUX.5 8 IMG.1 - 5 : 960 IMG.7: 480 4 IMG.1 - 5 : 0 IMG.7: 1 MUX.6 8 IMG.1 - 5 : 1280 IMG.7: 640 3 IMG.1 - 5 : 0 IMG.7: 1 MUX.7 8 IMG.1 - 5 : 1920 IMG.7: 960 2 IMG.1 - 5 : 0 IMG.7: 1 MUX.8 8 IMG.1 - 5 : 3840 IMG.7: 1920 1 IMG.1 - 5 : 0 IMG.7: 1 (1) In MUX.2 mode, the full horizontal ROI (3840 columns) is slightly reduced (to 3836 columns) to keep an equal amount of pixels on each data channel. The start column is shifted by two columns to keep the ROI centered (this is optional). (2) XSUBS is set to 0 in normal operation. When using IMG.7 (binning) mode, add 1 to this value. When using this mode together with subsampling, contact our application engineer. |