전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4925 데이터시트(PDF) 232 Page - Toshiba Semiconductor

부품명 TMPR4925
상세설명  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 데이터시트(HTML) 232 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 228Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 229Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 230Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 231Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 232Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 233Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 234Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 235Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 236Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 590 page
background image
Chapter 9 SDRAM Controller
9-4
9.3.2
Address Mapping
9.3.2.1
Physical Address Mapping
It is possible to map each of the four channels to an arbitrary physical address using the Base
Address field (SDCCRn.BA[31:21]) of the SDRAM Channel Control Register and the Address
Mask Field (SDCCRn.AM[31:21]).
The channel that becomes True in the following equation is selected.
paddr[31:21] & !AM[31:21]
= BA[31:21] & !AM[31:21]
In the above equation, “paddr” represents the accessed physical address, “&” represents the
AND of each bit, and “!” represents the logical NOT of each bit.
Operation is undefined when multiple channels are simultaneously selected, or when external
bus controllers or PCI controllers are simultaneously selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More