| 전자부품 데이터시트 검색엔진 |
|
UPC1909GS 데이터시트(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC1909GS 데이터시트(HTML) 16 Page - Renesas Technology Corp |
|
16 / 38 page ![]() Data Sheet G14309EJ2V0DS00 14 µµµµPC1909 For the dCT level shift amount and the OUT1 and OUT2 dead time settings, refer to 4.4 Dead Time Setting. The relationship between the FB, DTC1, and DTC2 voltages in each operating state and the pins that determine the duty of OUT1 and OUT2 are shown in Table 3-1 below. For the duty settings, refer to 4.5 Duty Settings. Table 3-1. Relationship Between Pins That Determine Duty During Steady Operation Operating Status Voltage Relationship Pin That Determines OUT1 Duty Pin That Determines OUT2 Duty Steady operation 1 (rated status) T3 DTC2 < FB < DTC1 FB FB Steady operation 2 (heavy load, low input) T4 DTC2 < DTC1 < FB DTC1 DTC1 Steady operation 3 (light load, high input) T5 FB < DTC2 < DTC1 FB DTC2 |