전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD16670 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 UPD16670
상세설명  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16670 데이터시트(HTML) 3 Page - Renesas Technology Corp

  UPD16670 Datasheet HTML 1Page - Renesas Technology Corp UPD16670 Datasheet HTML 2Page - Renesas Technology Corp UPD16670 Datasheet HTML 3Page - Renesas Technology Corp UPD16670 Datasheet HTML 4Page - Renesas Technology Corp UPD16670 Datasheet HTML 5Page - Renesas Technology Corp UPD16670 Datasheet HTML 6Page - Renesas Technology Corp UPD16670 Datasheet HTML 7Page - Renesas Technology Corp UPD16670 Datasheet HTML 8Page - Renesas Technology Corp UPD16670 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
©
1995
MOS INTEGRATED CIRCUIT
µµµµ PD16670
1/17, 1/25, 1/33 DUTY LCD CONTROLLER/DRIVER
DATA SHEET
Document No.
S10297EJ1V0DS00 (1st edition)
Date Published
September 2000 NS CP(K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The
µ PD16670 is a LCD controller/driver with 1/17, 1/25 and 1/33 duty capable of displaying a dot matrix LCD. It
has 60 segment outputs, 33 common outputs, giving a maximum display capability of 12 columns x 4 lines (at 1/33
duty).
The
µ PD16670 includes 4 x mode on-chip booster circuit, capable of operating on single 3 V-power supply.
FEATURES
• Dot matrix LCD controller/driver
• Able to operate using +3-V single power supply
• 4 x mode on-chip boost circuit
• Display contents
1/17 duty: 12 columns x 2 lines + 60 pictograph displays
1/25 duty: 12 columns x 3 lines + 60 pictograph displays
1/33 duty: 12 columns x 4 lines + 60 pictograph displays
• Serial data input (SCK, STB, DATA)
ORDERING INFORMATION
Part number
Package
µ PD16670W-xxx
Wafer
µ PD16670P-xxx
Chip
Remark Purchasing the above chip/wafer entails exchange of documents such as a separate memorandum or
product quality, so please contact one of our sales representatives.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26