전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD16670 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 UPD16670
상세설명  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16670 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button UPD16670 Datasheet HTML 3Page - Renesas Technology Corp UPD16670 Datasheet HTML 4Page - Renesas Technology Corp UPD16670 Datasheet HTML 5Page - Renesas Technology Corp UPD16670 Datasheet HTML 6Page - Renesas Technology Corp UPD16670 Datasheet HTML 7Page - Renesas Technology Corp UPD16670 Datasheet HTML 8Page - Renesas Technology Corp UPD16670 Datasheet HTML 9Page - Renesas Technology Corp UPD16670 Datasheet HTML 10Page - Renesas Technology Corp UPD16670 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet S10297EJ1V0DS00
5
µµµµPD16670
3. PIN FUNCTIONS
Pin Symbol
Pin Name
Pad No.
I/O
Description
SEG1 to SEG60
Segment
40 to 99
O
Segment output pins
COM1 to COM33 Common
24 to39
100 to116
O
Common output pins
COM1 is assigned to common for pictograph.
SCK
Shift clock
22
I
Data shift clock
During the read-in operation, data is captured in the shift register
at the signal’s rising edge. During a read-out operation, data is
read from the shift register at the signal’s falling edge.
DATA
Data
23
I
Performs input of commands and data.
Input is performed from the MSB on the rise of the shift clock.
STB
Strobe
21
I
Communication is enabled when STB is low.
/LCDOFF
LCD off input
20
I
When at low level, a forced LCD off operation is performed
SEGn = COMn = VSS
/RESET
Reset
19
I
This pin is used for internal resets at low level.
TDATA
Test output
18
O
This is a test output pin. Leave this pin open when using the
device.
TEST
Test pin
17
I
Test mode is set when at high level.
OSCIN
15, 16
I
OSCOUT
Oscillator pins
5, 6
O
These pins are connected to a 100-k
Ω resistance. When using
an external oscillator, input to OSCIN and leave OSCOUT open.
C1
+, C1-
C2
+, C2-
C3
+, C3-
Capacitor connection
pins
1 to 6
−
These are capacitor connection pins for the boost circuit.
Connect a 1-
µF capacitor.
VDD
Logic power supply pin 7
−
Power supply pins for logic
VSS
Logic ground pin
14
−
Ground pin for logic
VLCD
Driver power supply
pins
8
−
Power supply pin for driver. Output pin for internal boost circuit.
Connect a 1-
µF capacitor between this pin and the VSS pin for
boosting.
If not using the internal boost circuit, a direct driver power supply
can be input.
VLC1 - VLC5
Reference power
supply pins for driver
9 to 13
−
These are reference power supply pins for the LCD driver.
Input divided register by each external power supply pin.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com