| 전자부품 데이터시트 검색엔진 |
|
UPD16670 데이터시트(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16670 데이터시트(HTML) 18 Page - Renesas Technology Corp |
|
18 / 26 page ![]() Data Sheet S10297EJ1V0DS00 16 µµµµPD16670 7.3 Address Register This command selects the address type and specifies addresses. MSB LSB 0 0 b5 b4 b3 b2 b1 b0 MSB LSB 1 1 0 b4 0 0 0 0 + Selection 0 : DDRAM address 1 : CGRAM address Address Caution Operation is not guaranteed if an invalid address is set. 7.4 Reset The contents of the various registers appear as shown below after a reset (command reset or hardware [pin] reset). Register Contents Command b7 b6 b5 b4 b3 b2 b1 b0 Description Display ON/OFF 00 0010 00 LCD OFF Standby 0 0 0100 00 Normal operation Duty setting 00 0110 10 1/33 duty Test mode 11 1110 00 Normal operation 7.5 Serial communication format STB DATA b0 b1 b2 b5 b6 b7 SCK 123 678 5 |