전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD16675AP/W 데이터시트(PDF) 34 Page - Renesas Technology Corp

부품명 UPD16675AP/W
상세설명  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16675AP/W 데이터시트(HTML) 34 Page - Renesas Technology Corp

Back Button UPD16675AP/W Datasheet HTML 30Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 31Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 32Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 33Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 34Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 35Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 36Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 37Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
P0.25
±0.01⋅165 = 41.25±0.05 W0.125±0.02
21.1
±0.3 (SR)
21.1
±0.3 (SR)
(44.4) (Cut Line)
23.2
23.2
27
63.949
±0.08
P0.7
±0.01⋅54 = 37.8±0.055 W0.35±0.02
(40) (Cut Line)
44
25
4
1.5
2.575
±0.01
1
Cu
1.5
2.575
±0.01
1.981
±0.03
(COATING AREA)
0
−4.6
Polymide
Adhesive
Copper
Plating
Solder Resist
UPILEX-S
EPOXY
ELECTROLYSIS Cu
Sn
EPOXY
75 m
12 m
25 m
MIN 0.25 m
25 m
This Figure is shown by Copper side
over Polyimide
5 Sprocket holes (23.75 mm) for 1 Pattern
Corner radius is 0.30 mm Max.
All tolerances unless otherwise
specified 0.05 mm.
17.68
A
22.125 (Mark)
22.125 (Mark)
Specification
∝
∝
∝
∝
∝
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com