| 전자부품 데이터시트 검색엔진 |
|
AS7030B 데이터시트(PDF) 61 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B 데이터시트(HTML) 61 Page - ams AG |
|
61 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 60 SUBS_COUNTER (Address 0x62) Figure 68: SUBS_COUNTER Register Addr: 0x62 SUBS_COUNTER Bit Bit Name Default Access Bit Description 7:0 subs_counter 0 RO Current subsampling counter value OVERSAMPLING/AVERAGE Noise improvement. Generate the programmable average of multiple sample for two input channels (e.g., PPG and ECG). The mean value is programmed as a 2^n function. SEQ_OVS_SEL (Address 0x48) Figure 69: SEQ_OVS_SEL Register Addr: 0x48 SEQ_OVS_SEL Bit Bit Name Default Access Bit Description 7:4 ovs_sel2 0 RW Selecting the ADC channel for oversampling 2 3:0 ovs_sel1 0 RW Selecting the ADC channel for oversampling 1 SEQ_OVS_VAL (Address 0x49) Figure 70: SEQ_OVS_VAL Register Addr: 0x49 SEQ_OVS_VAL Bit Bit Name Default Access Bit Description 7 Not used 0 RW Not used 6:4 ovs_val2 0 RW Set value for oversampling 2, 2^ovs_val2 3 Not used 0 RW Not used 2:0 ovs_val1 0 RW Set value for oversampling 1, 2^ovs_val1 |