전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7030B 데이터시트(PDF) 19 Page - ams AG

부품명 AS7030B
상세설명  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7030B 데이터시트(HTML) 19 Page - ams AG

Back Button AS7030B Datasheet HTML 15Page - ams AG AS7030B Datasheet HTML 16Page - ams AG AS7030B Datasheet HTML 17Page - ams AG AS7030B Datasheet HTML 18Page - ams AG AS7030B Datasheet HTML 19Page - ams AG AS7030B Datasheet HTML 20Page - ams AG AS7030B Datasheet HTML 21Page - ams AG AS7030B Datasheet HTML 22Page - ams AG AS7030B Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 129 page
background image
Document Feedback
AS7030B
Register Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 18
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0X1F
OFE1_PD_T
HCFG
ofe1_pd_clipdetect_h_thresh[3:0]
ofe1_pd_clipdetect_l_thresh[3:0]
0X30
SEQ_CNT
seq_count[7:0]
0X31
SEQ_DIV
seq_div[7:0]
0X32
SEQ_START
Not used
Not used
Not used
Not used
Not used
seq_strat
_gpio
seq_start
_sync
seq_start
0X33
SEQ_PER
seq_period[7:0]
0X34
SEQ_LED_S
TA
seq_led_start[7:0]
0X35
SEQ_LED_S
TO
seq_led_stop[7:0]
0X36
SEQ_SECLE
D_STA
seq_secled_start[7:0]
0X37
SEQ_SECLE
D_STO
seq_secled_stop[7:0]
0X38
SEQ_ITG_ST
A
seq_itg_start[7:0]
0X39
SEQ_ITG_ST
O
seq_itg_stop[7:0]
0X3A
SEQ_SDP1_
STA
seq_sdp1_start[7:0]
0X3B
SEQ_SDP1_
STO
seq_sdp1_stop[7:0]
0X3C
SEQ_SDP2_S
TA
seq_sdp2_start[7:0]
0X3D
SEQ_SDP2_
STO
seq_sdp2_stop[7:0]
0X3E
SEQ_SDM1_
STA
seq_sdm1_start[7:0]
0X3F
SEQ_SDM1_
STO
seq_sdm1_stop[7:0]
0X40
SEQ_SDM2_
STA
seq_sdm2_start[7:0]
0X41
SEQ_SDM2_
STO
seq_sdm2_stop[7:0]
0X42
SEQ_ADC
seq_adc[7:0]
0X43
SEQ_ADC2TI
A
seq_adc2tia[7:0]
0X44
SEQ_ADC3TI
A
seq_adc3tia[7:0]
0X45
SD_SUBS
sd_subs[7:0]
0X46
SEQ_CFG
Not used
Not used
Not used
Not used
Not used
Not used
Not used
sd_subs
_always
0X47
SEQ_ERR
irq_adc_t
iming_err
or
Not used
Not used
Not used
Not used
Not used
Not used
Not used
0X48
SEQ_OVS_S
EL
ovs_sel2
ovs_sel1
0X49
SEQ_OVS_V
AL
Not used
ovs_val2
Not used
ovs_val1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More