전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7030B 데이터시트(PDF) 62 Page - ams AG

부품명 AS7030B
상세설명  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7030B 데이터시트(HTML) 62 Page - ams AG

Back Button AS7030B Datasheet HTML 58Page - ams AG AS7030B Datasheet HTML 59Page - ams AG AS7030B Datasheet HTML 60Page - ams AG AS7030B Datasheet HTML 61Page - ams AG AS7030B Datasheet HTML 62Page - ams AG AS7030B Datasheet HTML 63Page - ams AG AS7030B Datasheet HTML 64Page - ams AG AS7030B Datasheet HTML 65Page - ams AG AS7030B Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 61
SEQ_DIS_SEL (Address 0x4a)
Figure 71:
SEQ_DIS_SEL Register
Addr: 0x4a
SEQ_DIS_SEL
Bit
Bit Name
Default
Access
Bit Description
7:4
dis_sel2
0
RW
Select ADC for disable channel 2
3:0
dis_sel1
0
RW
Select ADC for disable channel 1
SEQ_DIS_VAL1 (Address 0x4b)
Figure 72:
SEQ_DIS_VAL1 Register
Addr: 0x4b
SEQ_DIS_VAL1
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_dis_val1
0
RW
Set value n for disable channel 1
fDISABLE = fCYCLE / (seq_dis_val1 + 1)
SEQ_DIS_VAL2 (Address 0x4c)
Figure 73:
SEQ_DIS_VAL2 Register
Addr: 0x4c
SEQ_DIS_VAL2
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_dis_val2
0
RW
Set value n for disable channel 2
fDISABLE = fCYCLE / (seq_dis_val2 + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More