전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7030B 데이터시트(PDF) 37 Page - ams AG

부품명 AS7030B
상세설명  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7030B 데이터시트(HTML) 37 Page - ams AG

Back Button AS7030B Datasheet HTML 33Page - ams AG AS7030B Datasheet HTML 34Page - ams AG AS7030B Datasheet HTML 35Page - ams AG AS7030B Datasheet HTML 36Page - ams AG AS7030B Datasheet HTML 37Page - ams AG AS7030B Datasheet HTML 38Page - ams AG AS7030B Datasheet HTML 39Page - ams AG AS7030B Datasheet HTML 40Page - ams AG AS7030B Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 36
Figure 25:
Photodiode Selection
PD_CFG Register (Address 0x1a)
Figure 26:
PD_CFG Register
Addr: 0x1a
PD_CFG
Bit
Bit Name
Default
Access
Bit Description
7:6
NA
0
RW
Not used
6
pd_boost
0
RW
pd_boost = 0
pdoffx_ledoff lsb = 10 nA
pdoffx_ledon lsb = 10 nA
pd_boost = 1
pdoffx_ledoff lsb = 20 nA
pdoffx_ledoonlsb = 20 nA
5
pd4
0
RW
0: Photodiode PD4 is disconnected from photo
amplifier
1: Photodiode PD4 is connected to photo amplifier
(as defined in diode_ctrl)
GPIO0
pd1
pd2
pd3
pd4
pd_i0
to TIA
(Trans-Impedance-Amplifier)
pdoffx
pdoffx_ledon
any LED on?
pd_i1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More