전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7030B 데이터시트(PDF) 102 Page - ams AG

부품명 AS7030B
상세설명  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7030B 데이터시트(HTML) 102 Page - ams AG

Back Button AS7030B Datasheet HTML 98Page - ams AG AS7030B Datasheet HTML 99Page - ams AG AS7030B Datasheet HTML 100Page - ams AG AS7030B Datasheet HTML 101Page - ams AG AS7030B Datasheet HTML 102Page - ams AG AS7030B Datasheet HTML 103Page - ams AG AS7030B Datasheet HTML 104Page - ams AG AS7030B Datasheet HTML 105Page - ams AG AS7030B Datasheet HTML 106Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 101
ADC_CFGA (Address 0x88)
Figure 132:
ADC_CFGA Register
Addr: 0x88
ADC_CFGA
Bit
Bit Name
Default
Access
Bit Description
7:4
Not used
0
RW
Not used
3:1
adc_multi_n
0
RW
Defines number of samples that are taken in
multimode (adc_multimode =1)
Setting
Number of Samples per
ADC Conversion
Command
0
2
1
4
2
8
3
16
4
32
5
48
6
64
7
96
0
adc_multimode
0
RW
0: If ADC is started one sample is measured
1: If ADC is started multiple samples are stored in
sequence in the FIFO. The number of samples is
defined with "adc_multi_n".
Information
If the ADC is triggered with the sequencer, the very first ADC conversion after seq_en=1 stores the
number of samples according to above table. All subsequent samples use one sample less (e.g. 7
instead of 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More