| 전자부품 데이터시트 검색엔진 |
|
AS7030B 데이터시트(PDF) 115 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B 데이터시트(HTML) 115 Page - ams AG |
|
115 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 114 GPIO_E (Address 0x09) Figure 154: GPIO_E Register Addr: 0x09 GPIO_E Bit Bit Name Default Access Bit Description 7:4 Not used 0 RW Not used 3 gpio3_e 0 RW GPIO3 output enabled if set 2 gpio2_e 0 RW GPIO2 output enabled if set 1 gpio1_e 0 RW GPIO1 output enabled if set 0 gpio0_e 0 RW GPIO0 output enabled if set GPIO_O (Address 0x0a) Figure 155: GPIO_O Register Addr: 0x0a GPIO_O Bit Bit Name Default Access Bit Description 7:4 Not used 0 RW Not used 3 gpio3_o 0 RW If gpio3_e=1, gpio3_o defines the output state of GPIO3 2 gpio2_0 0 RW If gpio2_e=1, gpio2_o defines the output state of GPIO2 1 gpio1_0 0 RW If gpio1_e=1, gpio1_o defines the output state of GPIO1 0 gpio0_0 0 RW If gpio0_e=1, gpio0_o defines the output state of GPIO0 GPIO_I (Address 0x0b) Figure 156: GPIO_I Register Addr: 0x0b GPIO_I Bit Bit Name Default Access Bit Description 7:4 Not used 0 RO Not used |