| 전자부품 데이터시트 검색엔진 |
|
AS7030B 데이터시트(PDF) 123 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B 데이터시트(HTML) 123 Page - ams AG |
|
123 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 122 INTR (Address 0xaa) Figure 169: INTR Register Addr: 0xaa INTR Bit Bit Name Default Access Bit Description 7 irq_led_supply_low_intr 0 RO 6 irq_clipdetect_intr 0 RO 5 irq_fifooverflow_intr 0 RO 4 irq_fifothreshold_intr 0 RO 3 irq_adc_threshold_intr 0 RO 2 irq_ltf_intr 0 RO 1 irq_sequencer_intr 0 RO 0 irq_adc_intr 0 RO The INTR registers shows the bit or bits that are responsible for an asserted interrupt. Effectively, these bits are OR-ed together to drive the interrupt pin INT low (open drain output). INTR2 (Address 0xab) Figure 170: INTR2 Register Addr: 0xab INTR2 Bit Bit Name Default Access Bit Description 7:3 Not used 0 RO Not used 2 irq_ltf_threshold_high_intr 0 RO ltf_treshold_high in ltf0 or/and ltf1 1 irq_ltf_threshold_low_intr 0 RO ltf_treshold_low in ltf0 or/and ltf1 0 irq_ecg_threshold_intr 0 RO ecg_treshold_high or ecg_treshold_low |