| 전자부품 데이터시트 검색엔진 |
|
COPPERCATALOG 데이터시트(PDF) 22 Page - Amphenol Aerospace Operations |
|
|
|||||||||||||||||||||||||||||
COPPERCATALOG 데이터시트(HTML) 22 Page - Amphenol Aerospace Operations |
|
22 / 56 page ![]() Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com 233 Amphenol Aerospace II Dualok III SJT 38999 I PCB Accessories Aquacon HD Herm/Seal Fiber Optics Contacts Connectors Cables HigH Speed 2.200 2.000 .475 .376 .500 .720 Compliant Quadrax Contacts and PC Tail Quadrax Contacts for PC Boards Attachment General Description Amphenol® Quadrax Contacts for Printed Circuit Board Attachment-AvailableforMIL-DTL-38999 Series III Circular connectors with straight PC tail termination and with compliant pin termination These provide the ideal solution for bringing high speed data transmission to the board Compliant Pin Quadrax and PC Tail Quadrax Contacts Compliant Pin Quadrax Board Level Connector MIL-DTL-38999, SERIES III CONNECTOR WITH PC TAIL CONTACTS This arrange- ment has 33 size 22D and 2 Quadrax PC tail contacts MIL-DTL-38999, SERIES III CONNECTOR WITH PC TAIL CONTACTS This arrange- ment has 8 Quadrax PC tail contacts Amphenol® Quadrax Contacts for Rectangular Board Level Connectors -Incorporatethesamesize8 QuadraxPCBcontactsasusedincircular 38999 connectors • Size 8 Quadrax Compliant contacts with hole diameters: 025 ± 002 PTH Quadrax contact 040 ± 003 PTH shell grounding Accommodates backplane 125 inch min thickness • Consult Amphenol Aerospace for availability of additional connector configurations 4 POSITION BOARD LEVEL CONNECTOR WITH QUADRAX 8 POSITION BOARD LEVEL CONNECTOR WITH QUADRAX 3.440 .500 .720 .381 .475 3.640 HG FE DCB A ABC DE FG H |