| 전자부품 데이터시트 검색엔진 |
|
COPPERCATALOG 데이터시트(PDF) 47 Page - Amphenol Aerospace Operations |
|
|
|||||||||||||||||||||||||||||
COPPERCATALOG 데이터시트(HTML) 47 Page - Amphenol Aerospace Operations |
|
47 / 56 page ![]() 258 Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com Amphenol Aerospace Dualok III SJT 38999 PCB HD I II Accessories Herm/Seal Aquacon Fiber Optics Contacts Connectors Cables HIgH SPeeD A B C A B C D A B C D A B C D E A B C D E F G H J K L M N P R A B C D E F G H A B C D E F G H J K L M A B C D E F A B C D E F G H A B C D E F G H J K L M N P R S T U V W X Y Z A D C B A B C D E F G H J K L M N 1 2 3 11 12 13 14 15 16 17 21 22 23 4 5 6 7 8 9 10 18 19 20 24 A B C D E F G H J K L A B C D E F G H J K L M N P R S T U V W X Y a b c d e Z A B C D E F G H J K L M N P R S V W X Y a b c d e Z U T g f A B C E K M N R S U V W g h f Insert Arrangements - MIL-DTL-38999 Incorporating Coax,Twinax andTriax Contacts 1 6 11 17 30 A B Insert Arrangement 9-5 10-2 11-2 12-3 13-3 12-4 13-4 14-4 15-4 Connector Series TV SJT LJT,TV JT LJT JT, SJT LJT, TV JT LJT Service Rating Grounded I II I I Number of Contact 1 2 3 4 4 Contact Size 8 Twinax 16 16 16 12 Insert Arrangement 14-5 15-5 14-15 15-15 14-68 15-68 14-97 15-97 16-6 17-6 Available in Connector Series JT, SJT LJT,TV JT, SJT LJT,TV JT LJT JT, SJT LJT, TV JT, SJT LJT, TV Service Rating II I I I I Number of Contact 5 14 1 8 8 4 6 Contact Size 16 20 16 16 20 16 12 Insert Arrangement 16-8 17-8 16-13 17-13 16-99 17-99 17-2 17-22 Connector Series JT, SJT LJT,TV JT, SJT LJT JT, SJT LJT,TV LJT TV LJT TV Service Rating II I I M Coax Number of Contact 8 13 21 2 38 1 2 2 Contact Size 16 16 20 16 22D 8 12 8 Insert Arrangement 17-25 18-11 19-11 18-28 19-28 18-30 19-30 19-31 Connector Series LJT JT, SJT LJT,TV JT LJT JT LJT TV Service Rating M II I I M Number of Contact 22 2 11 26 2 29 1 2 1 12 Contact Size 22D 8 16 20 16 20 16 8 12 22D The insert arrangements shown on this page and the next page represent the most readily available patterns within the 38999 Circular Series If you require other arrangements than what are shown here, consult Amphenol for further availability In most cases, unless otherwise stated, size 8 and size 12 cavities can be filled with either coax, twinax, triax or power contacts CONTACT LEGEND 8 10 12 16 20 22D Coax/Twinax/ Triax or Power Twinax/Triax/ or Power Coax/Twinax/ Triax or Power Coax or Power Power Power Front face of pin inserts illustrated |