| 전자부품 데이터시트 검색엔진 |
|
COPPERCATALOG 데이터시트(PDF) 11 Page - Amphenol Aerospace Operations |
|
|
|||||||||||||||||||||||||||||
COPPERCATALOG 데이터시트(HTML) 11 Page - Amphenol Aerospace Operations |
|
11 / 56 page ![]() 222 Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com Amphenol Aerospace Dualok III SJT 38999 PCB HD I II Accessories Herm/Seal Aquacon Fiber Optics Contacts Connectors Cables HIgH SPeeD Cable Usage Guide Cable Type Nominal Impedance (ohms) For Circular (MIL-DTL-38999 type) For Standard & Heavy Duty Circular (MIL-DTL-5015 type) (MIL-DTL-22992 type) For Rectangular Connectors Additional Contacts (Consult Amphenol) RG-303/U (M17/111-RG303) 50 • • RG-304/U (M17/112-RG304) 50 • RG-316/U (M17/113-RG316) 50 • • RD-316 Double Braid (M17/152-00001) 50 • RG-400 (M17/128-RG400) 50 • M/A-COM 5M2869-001 50 • • 5022A1311-D 50 • Beldon 9307 50 • FA-19X 50 • T-Flex-402 50 • T-Flex-405 50 • Filotex ET124962 50 • JN1088WT (Triax) 50 • JN1088WU (Triax) 75 • PAN6422XQ 50 • PAN6422XY 75 • PAN6595XM (Triax) 75 • Haveg 51-04486 • 81-00207 • Gore GWN1159A • CXN3403 • Times AA3248 • Teledyne 11299 • Raychem 5021D1331-0 50 • 5021D1331-9 50 • 5022D1312-9 50 • 7527A1318 75 • 9527A1314 95 • 9528A1318 95 • 9530A5314 95 • 9530D5314 95 • Thermatics 2929-29 • Tensolite 30850/87T-1 • Thermax 50C-25A-DS-1 • ESC352001 50 • ESC432101 50 • SIZE 16 012 / 0215 Center Conductor (Stranded) 031 / 066 Dielectric 085 Max Outer braid (must be round for crimp termination) 102 Max Jacket For Cable not found in the Coax Contact Cable Usage Guide, refer to these general dimensional ranges: (In general, for D38999 Connectors, the size 8, 12 and 16 Coax Contacts will terminate cable in the following ranges ) SIZE 12 012 / 0215 Center Conductor (Stranded) 031 / 105 Dielectric 126 Max Outer braid (must be round for crimp termination) 145 Max Jacket SIZE 8 012 / 0395 Center Conductor (Stranded) 055 / 133 Dielectric 180 Max Outer braid (must be round for crimp termination) 201 Max Jacket Special coax contacts may be available for cables outside of ranges shown Consult Amphenol Aerospace for further assistance in selection of coax contact cables Coax Contacts CABLE USAGE GUIDE, cont |