전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

COPPERCATALOG 데이터시트(PDF) 23 Page - Amphenol Aerospace Operations

부품명 COPPERCATALOG
상세설명  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAO [Amphenol Aerospace Operations]
홈페이지  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG 데이터시트(HTML) 23 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 19Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 20Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 21Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 22Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 23Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 24Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 25Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 26Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 27Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
234
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Quadrax Transition Adapters and
Differential Twinax Transition Adapters
General Description
Amphenol® Transition Adapters -Areusedtofacilitate
launching of controlled impedance signals to printed circuit boards
Amphenol provides transition adapters in both contact types:
• Quadrax transition adapters, 90° or straight receptacles
threaded or cable to board style
• Differential twinax transition adapters, 90° or straight receptacles,
threaded or cable to board style
90° Quadrax Receptacle and Plug Transition Adapter
90° Differential Twinax Receptacle and Plug Transition Adapter
TRANSITION ADAPTER DATA
Finish of mating contact parts: Contacts are supplied gold plated per
ASTM B488 Type II, Code C, 000050 min thick over nickel plate per
AMS-QQ-N-290, Class 2, 000030/ 000150 thick
QUADRAX
TRANSITION
ADAPTER PLUG
QUADRAX
TRANSITION ADAPTER
90 DEGREE RECEPTACLE
ELECTRICAL PROTOCOLS FOR
QUADRAX TRANSITION ADAPTERS
Part Number
Impedance
(Ohms)
Electrical
Protocol††
Plug
Receptacle
21-033836-031
100
Ethernet, gigabit Ether
21-033836-041
Ethernet, gigabit Ether
21-033836-051
Ethernet, gigabit Ether
21-033836-061
Ethernet, gigabit Ether
21-033837-081 (90 degree)
21-033837-091 (straight)
21-033837-041 (90 degree)
21-033837-051 (straight)
Ethernet, gigabit Ether
21-033837-061 (straight)
21-033837-141 (90 degree)
21-033837-101
21-033836-021
150
1000 Base CX,
Fibre channel
21-033837-021 (90 degree)
1000 Base CX,
Fibre channel
21-033837-211 (jam nut)
21-033837-031 (straight)
21-033837-071 (90 degree)
21-033837-111
ELECTRICAL PROTOCOLS FOR
DIFFERENTIAL TWINAX TRANSITION ADAPTERS
Part Number
Impedance
(Ohms)
Electrical
Protocol††
Plug
Receptacle
21-033832-81
100
21-033832-21
Ethernet
21-033833-021 (90 degree)
21-033833-031 (90 degree)
Ethernet
21-033833-151 (90 degree)
21-033832-111†
21-033833-161† (90 degree)
21-033833-171† (90 degree)
21-033833-091 (90 degree)
21-033833-051 (90 degree)
21-033833-141 (90 degree)
21-033832-91
150
21-033833-111 (90 degree)
21-033833-181† (90 degree)
21-033833-101 (90 degree)
† Consult Amphenol Aerospace for current release of this adapter
††Test reports available for indicated protocols; consult Amphenol Aerospace
ORIENTATION
KEY
TRANSITION ADAPTER
PLUG
MATING FACE
90° RECEPTACLE
TRANSITION ADAPTER
MATING FACE
1
2
1
2
4
3
4
3
Suggested Numbering for Transition
Adapters with Quadrax Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com