| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 171 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 171 Page - SIMCom |
|
171 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 171 2015-08-03 OK Parameter See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CCODE=< mode> Parameter <mode> 0 Code mode compatible with NOKIA 1 Code mode compatible with SIEMENS Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.33 AT+CIURC Enable or Disable Initial URC Presentation AT+CIURC Enable or Disable Initial URC Presentation Response +CIURC: (0,1) OK Test Command AT+CIURC=? Parameters See Write Command Response +CIURC:<mode> OK Read Command AT+CIURC? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CIURC=<m ode> Parameters <mode> 0 Disable URC presentation. 1 Enable URC presentation Parameter Saving Mode AT&W_SAVE Max Response - |