| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 172 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 172 Page - SIMCom |
|
172 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 172 2015-08-03 Time Reference Note When module is powered on and initialization procedure is over. URC "Call Ready" will be presented if <mode> is 1. 6.2.34 AT+CPSPWD Change PS Super Password AT+CPSPWD Change PS Super Password Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CPSPWD=< oldpwd>,<newp wd> Parameters <oldpwd> String type(string should be included in quotation marks). Old password and length should be 8. <newpwd> String type(string should be included in quotation marks). New password and length should be 8. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Default value of <oldpwd> is "12345678". If module is locked to a specific SIM card through AT+CLCK and password lost or SIM state is PH-SIM PUK, user can use the super password to unlock it. It is not supported temporarily. 6.2.35 AT+EXUNSOL Enable or Disable Proprietary Unsolicited Indications AT+EXUNSOL Enable or Disable Proprietary Unsolicited Indications Response +EXUNSOL: (list of supported <exunsol>s) OK Test Command AT+EXUNSOL= ? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+EXUNSOL= <exunsol> ,<mod e> Parameters <exunsol> String type(string should be included in quotation marks). values are currently reserved by the present document |