| 전자부품 데이터시트 검색엔진 |
|
SIM800 데이터시트(PDF) 257 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 데이터시트(HTML) 257 Page - SIMCom |
|
257 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 257 2015-08-03 11.2.2 AT+HTTPTERM Terminate HTTP Service AT+HTTPTERM Terminate HTTP Service Test Command AT+HTTPTER M=? Response OK Execution command AT+HTTPTER M Response OK If error is related to ME functionality: +CME ERROR: <err> Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 11.2.3 AT+HTTPPARA Set HTTP Parameters Value AT+HTTPPARA Set HTTP Parameters Value Response +HTTPPARA: "HTTPParamTag","HTTPParmValue" OK Test Command AT+HTTPPARA =? Parameters See Write Command Response +HTTPPARA: <HTTPParamTag>,<HTTPParamValue> OK Read Command AT+HTTPPARA ? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+HTTPPARA =<HTTPParamT ag>,<HTTPPara mValue> Parameters <HTTPParamTag> "CID" HTTP Parameter (Mandatory Parameter) Bearer profile identifier |