| 전자부품 데이터시트 검색엔진 |
|
WM8510GEDS/V 데이터시트(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8510GEDS/V 데이터시트(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 81 page ![]() Pre-Production WM8510 w PD Rev 4.1 December 2006 3 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PACKAGE BODY TEMPERATURE WM8510GEDS/V -25 °C to +85°C 28-lead SSOP (Pb-free) MSL3 260 oC WM8510GEDS/RV -25 °C to +85°C 28-lead SSOP (Pb-free, tape and reel) MSL3 260 oC Note: Reel Quantity = 2,000 |