전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX7DCEC 데이터시트(PDF) 54 Page - NXP Semiconductors

부품명 IMX7DCEC
상세설명  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC 데이터시트(HTML) 54 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 50Page - NXP Semiconductors IMX7DCEC Datasheet HTML 51Page - NXP Semiconductors IMX7DCEC Datasheet HTML 52Page - NXP Semiconductors IMX7DCEC Datasheet HTML 53Page - NXP Semiconductors IMX7DCEC Datasheet HTML 54Page - NXP Semiconductors IMX7DCEC Datasheet HTML 55Page - NXP Semiconductors IMX7DCEC Datasheet HTML 56Page - NXP Semiconductors IMX7DCEC Datasheet HTML 57Page - NXP Semiconductors IMX7DCEC Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
54
4.8.1
Reset timings parameters
Figure 10 shows the reset timing and Table 42 lists the timing parameters.
Figure 10. Reset timing diagram
4.8.2
WDOG Reset timing parameters
Figure 11 shows the WDOG reset timing and Table 43 lists the timing parameters.
Figure 11. WDOGx_B timing diagram
NOTE
RTC_XTALI is approximately 32 kHz. RTC_XTALI cycle is one period or
approximately 30 s.
NOTE
WDOGx_B output signals (for each one of the Watchdog modules) do not
have dedicated pins, but are muxed out through the IOMUX. See the
IOMUXC chapter of the i.MX 7Dual Application Processor Reference
Manual (IMX7DRM) for detailed information.
4.8.3
External interface module (EIM)
The following subsections provide information on the EIM.
Table 42. Reset timing parameters
ID
Parameter
Min Max
Unit
CC1
Duration of POR_B to be qualified as valid.
Note: POR_B rise/fall times must be 5 ns or less.
1
—
RTC_XTALI cycle
Table 43. WDOGx_B timing parameters
ID
Parameter
Min
Max
Unit
CC3
Duration of WDOG1_B Assertion
1
—
RTC_XTALI cycle
POR_B
CC1
(Input)
WDOGx_B
CC3
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More