| 전자부품 데이터시트 검색엔진 |
|
VT8235 데이터시트(PDF) 12 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT8235 데이터시트(HTML) 12 Page - VIA Technologies, Inc. |
|
12 / 145 page ![]() VT8235 V-Link South Bridge Revision 1.22 October 24, 2002 -6- Pin Diagram UrpuytvrÃDp XrÃ8rp PINOUTS Figure 2. VT8235 Ball Diagram (Top View) Key 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 A GND GND T RDY# CBE 2# AD17 GPIO 11 GPIO 12 AGP BZ# MRX D3 MRX ERR MTX D1 MTX CLK EE CS# EE DO USB OC0# USB GND USB P4+ USB GND USB P2+ USB GND USB P0+ USB GND VCC UPLL USB VCC USB VCC USB VCC B GND GND DEV SEL# FRM# AD16 AD19 GPIO 9 GPIO 13 MD IO MRX CLK MTX D2 MTX ENA M CRS EE DI USB OC1# USB GND USB P4– USB GND USB P2– USB GND USB P0– USB GND GND UPLL USB VCC USB VCC USB VCC C SERR# PERR# STOP# I RDY# REQ 1# AD18 GPIO 15 VGATE GPIO8 MD CK MRX DV MTX D3 MTX D0 M COL EE CK USB OC2# USB GND USB GND USB GND USB GND USB GND USB GND USB GND USB REXT USB VCC USB VCC USB VCC D CBE 1# AD15 PAR REQ 2# GNT 1# REQ 0# GPIO 10 GPIO 14 MRX D2 MRX D1 MII VCC MII VCC MII VCC25 USB OC4# VSUS USB USB GND USB P5– USB GND USB P3– USB GND USB P1– VCC UPLL USB CLK USB VCC VAD 8 V PAR E AD11 AD13 AD14 GNT 2# VCC 33 GNT 0# RAM VCC RAM GND GND MRX D0 MII VCC MII VCC MII VCC25 USB OC5# USB OC3# GND USB P5+ USB GND USB P3+ USB GND USB P1+ GND UPLL GND VAD 5 GND VAD 4 F AD10 AD9 AD12 CBE 0# VCC 33 GND VCC 33 VCC 33 VCC VCC GND VCC 33 VCC 33 VCC VCC VCC 33 VCC 33 USB GND USB GND USB GND USB GND VCC VK VAD 9 VBE 0# VAD 0 VAD 1 G AD7 AD6 AD4 AD8 GND G6 7 8 9 10 11 12 13 14 15 16 17 18 19 G20 VCC VK VAD 11 VAD 10 VAD 13 DN STB DN STB# H AD5 AD2 AD0 REQ 3# VCC H GPIO Pins LAN Pins USB Pins H VCC VK VAD 12 GND UP STB GND UP STB# J AD3 AD1 AD21 GNT 3# VCC J J VCC VAD 14 VL VREF DN CMD VAD 3 VAD 2 K AD20 AD22 AD23 GND VCC K K11 12 13 14 15 K16 V-Link K VCC VAD 15 VL COMP VAD 6 UP CMD VAD 7 L CBE 3# AD24 AD25 REQ 4# VCC 33 L PCI Pins L10 GND GND GND GND GND GND L17 Pins L VCC VK VCC VK GND V CLK GND VBE 1# M AD27 AD26 AD28 GNT 4# VCC 33 M M GND GND GND GND GND GND M M VCC VK VCC VK VCC VK VCC VK VCC VK VCC VK N AD29 AD31 AD30 REQ5# GPI7 GND N N GND GND GND GND GND GND N N VCC VK VCC VK VCC VK VCC VK VCC VK VCC VK P INT A# INT B# INT C# GNT5# GPO7 VCC 33 P P GND GND GND GND GND GND P P VCC 33 PLL VCC PLL GND VRD SLP VID SEL DP SLP# R INT D# PCI RST# AC RST# GND VCC 33 R R GND GND GND GND GND GND R CPU R VCC 33 PCI CLK NMI GHI# INIT# STP CLK# T AC SYNC AC SDI0 AC BTCK VSUS 25 VCC T AC97 Pins T10 GND GND GND GND GND GND T17 Pins T VCC APIC D0 INTR SMI# A20M# IGN NE# U AC SDO AC SDI2 AC SDI1 VSUS 25 VCC U U11 12 13 14 15 U16 U VCC VCC APIC CLK TPO SLP# FERR# V AC SDI3 KB DT KB CK GND VCC V KB/MS Pins Pri V GND GND APIC D1 PD CS1# PD A1 PD A2 W MS DT MS CK PME# BAT LOW# VCC 33 W PM Pins IDE W GND PD VREF PD COMP PD CS3# GND PD DAK# Y CPU MISS RING# SUS ST# THRM# VCC 33 Y LPC Pins X-Bus Pins Sec IDE Pins Pins Y VCC 33 PD DRQ PD A0 PD IOR# PD IOW# PD RDY AA EXT SMI# SUS A# GPO 0 VSUS 33 GND AA6 7 8 9 10 11 12 13 14 15 16 17 18 19 AA20 VCC 33 PD D15 GND PD D0 PD D1 PD D14 AB SUS CLK SMB ALRT# SMB CK1 VSUS 33 GND VCC 33 VCC 33 VCC VCC VCC 33 VCC 33 GND GND VCC 33 VCC 33 VCC VCC GND GND VCC 33 VCC 33 GND PD D12 PD D2 GND PD D13 AC LID# SMB DT1 GPI 1 VSUS 33 VSUS 33 GPIO E CPU STP# GND GND IOR# SA19 strap OSC XD 1 XD 0 SD COMP GND GND VCC 33 VCC 33 GND SD IOW# SDA1 strap SD CS1# PD D4 PD D11 PD D3 AD SMB DT2 PWR BTN# IN TRUD# RTC X1 RSM RST# GPIO D L REQ# L AD2 IOW# IO RDY# SA18 strap SOE# strap XD 7 XD 4 SD RDY SDD1 SA01 SD VREF SDD5 SA05 SDD9 SA09 SDD10 SA10 SDD13 SA13 SD DAK# SDCS3# strap PD D9 PD D5 PD D10 AE SMB CK2 PWR OK# GPI 0 V BAT GPIO A GPIO C L FRM# L AD1 SPKR strap SER IRQ SA17 strap MEM R# XD 6 XD 3 SD DRQ GND SDD4 SA04 SDD7 SA07 GND SDD12 SA12 SDD15 SA15 GND SDA0 strap IRQ 14 GND PD D6 AF SUS C# SUS B# RTC X2 PWR GD PCK RUN# PCI STP# L AD3 L AD0 TEST MEM W# SA16 strap ROMCS #/strap XD 5 XD 2 SDD0 SA00 SDD2 SA02 SDD3 SA03 SDD6 SA06 SDD8 SA08 SDD11 SA11 SDD14 SA14 SD IOR# SDA2 strap IRQ 15 PD D7 PD D8 |