| 전자부품 데이터시트 검색엔진 |
|
TMF8805 데이터시트(PDF) 17 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8805 데이터시트(HTML) 17 Page - OSRAM GmbH |
|
17 / 74 page ![]() TMF8805 Functional description Datasheet • PUBLIC • Document Feedback DS000692 • v7-00 • 2023-Dec-01 17 / 74 / 5.5.2 Reset pin and power-up timing Table 9: Reset pin and power-up timing Parameter Min Nom Max Units Comment Power on (Boot Time) 3 ms Does not include RAM download time Enable high to ready for measurement 8 ms Standby to active time <<1 ms Active to standby time <<1 ms Enable low to power down time <<1 ms |