전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMF8805 데이터시트(PDF) 22 Page - OSRAM GmbH

부품명 TMF8805
상세설명  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 데이터시트(HTML) 22 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 18Page - OSRAM GmbH TMF8805 Datasheet HTML 19Page - OSRAM GmbH TMF8805 Datasheet HTML 20Page - OSRAM GmbH TMF8805 Datasheet HTML 21Page - OSRAM GmbH TMF8805 Datasheet HTML 22Page - OSRAM GmbH TMF8805 Datasheet HTML 23Page - OSRAM GmbH TMF8805 Datasheet HTML 24Page - OSRAM GmbH TMF8805 Datasheet HTML 25Page - OSRAM GmbH TMF8805 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
22 / 74
/
6
Register description
6.1.1
APPID register (Address 0x00)
Table 12: APPID register
Addr: 0x00
APPID
Field
Name
Rst
Type
Description
7:0
appid
0
RW
Currently running application:
0xC0 App0
– Measurement application running
0x80 bootloader running
6.1.2
APPREV_MAJOR register (Address 0x01)
Table 13: APPREV_MAJOR register
Addr: 0x01
APPREV_MAJOR
Field
Name
Rst
Type
Description
7:0
apprevMajor
0
RW
Application major revision
6.1.3
APPREQID register (Address 0x02)
Table 14: APPREQID register
Addr: 0x02
APPREQID
Field
Name
Rst
Type
Description
7:0
appReqid
0
RW
Application that shall be started, set this to
0x80
… bootloader
0xC0
…. App0 – measurement application and wait until
register 0x00 (APPID) shows this as application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74