전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL2521 데이터시트(PDF) 52 Page - OSRAM GmbH

부품명 TSL2521
상세설명  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 데이터시트(HTML) 52 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 48Page - OSRAM GmbH TSL2521 Datasheet HTML 49Page - OSRAM GmbH TSL2521 Datasheet HTML 50Page - OSRAM GmbH TSL2521 Datasheet HTML 51Page - OSRAM GmbH TSL2521 Datasheet HTML 52Page - OSRAM GmbH TSL2521 Datasheet HTML 53Page - OSRAM GmbH TSL2521 Datasheet HTML 54Page - OSRAM GmbH TSL2521 Datasheet HTML 55Page - OSRAM GmbH TSL2521 Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
Datasheet, Public
Page 51
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
MEAS_SEQR_STEP0_MOD_PHDX_SMUX_H Register
Figure 66:
MEAS_SEQR_STEP0_MOD_PHDX_SMUX_H
Note(s):
1. Return to the Register Map (0xDD).
Addr: 0xDD
MEAS_SEQR_STEP0_MOD_PHDX_SMUX_H
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3:2
MEASUREMENT_
SEQUENCER_STEP0_
MOD_PHD5_SMUX
01b
R/W
Defines connection of photodiode 5 to modulator
for sequencer step 0
00: No connection
01: Modulator 0
10: Modulator 1
1:0
MEASUREMENT_
SEQUENCER_STEP0_
MOD_PHD4_SMUX
10b
R/W
Defines connection of photodiode 4 to modulator
for sequencer step 0
00: No connection
01: Modulator 0
10: Modulator 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81