전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IA186EM-PQF100I-R 데이터시트(PDF) 70 Page - InnovASIC, Inc

부품명 IA186EM-PQF100I-R
상세설명  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INNOVASIC [InnovASIC, Inc]
홈페이지  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R 데이터시트(HTML) 70 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 66Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 67Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 68Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 69Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 70Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 71Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 72Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 73Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 74Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
x2 – Crystal Input (input)
This pin and x1 are the connections for a fundamental mode or third-overtone, parallel-resonant crystal
used by the internal oscillator circuit. An external clock source for the microcontroller is connected to x1
while the x2 pin is left unconnected.
Pins Used by Emulators
The following pins are used by emulators:
a19-a0
ao15-ao8
ad7-ad0
ale
bhe_n/aden_n (on the AI186EM)
clkouta
rfsh2_n/aden_n (on the AI188EM)
rd_n
s2_n-s0_n
s6/lock_n/clkdiv2_n
uzi_n
Emulators require that s6/lock_n/clkdiv2_n and uzi_n be configured as their normal functions, i.e. as s6
and uzi_n respectively. Holding bhe_n/aden_n (AI186EM) or rfsh_n/aden_n (AI188EM) low during
the rising edge of res_n, s6 and uzi_n will be configured in their normal functions instead of as PIOs, at
reset.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More