전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29PL32TM90 데이터시트(PDF) 31 Page - SPANSION

부품명 MBM29PL32TM90
상세설명  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 데이터시트(HTML) 31 Page - SPANSION

Back Button MBM29PL32TM90 Datasheet HTML 27Page - SPANSION MBM29PL32TM90 Datasheet HTML 28Page - SPANSION MBM29PL32TM90 Datasheet HTML 29Page - SPANSION MBM29PL32TM90 Datasheet HTML 30Page - SPANSION MBM29PL32TM90 Datasheet HTML 31Page - SPANSION MBM29PL32TM90 Datasheet HTML 32Page - SPANSION MBM29PL32TM90 Datasheet HTML 33Page - SPANSION MBM29PL32TM90 Datasheet HTML 34Page - SPANSION MBM29PL32TM90 Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
MBM29PL32TM/BM90/10
31
Write Operation Status
Detailed in “Hardware Sequence Flags” are all the status flags which can determine the status of the device for
current mode operation. When checking Hardware Sequence Flags during program operations, it should be
checked 4
µs after issuing program command. During sector erase, the part provides the status flags automat-
ically to the I/O ports. The information on DQ2 is address sensitive. If an address from an erasing sector is
consecutively read, then the DQ2 bit will toggle. However DQ2 will not toggle if an address from a non-erasing
sector is consecutively read. This allows the user to determine which sectors are erasing.
Once erase suspend is entered address sensitivity still applies. If the address of a non-erasing sector (one
available for read) is provided, then stored data can be read from the device. If the address of an erasing sector
(one unavailable for read) is applied, the device will output its status bits.
Hardware Sequence Flags
*1 : Successive reads from the erasing or erase-suspend sector will cause DQ2 to toggle.
*2 : Reading from non-erase suspend sector address will indicate logic “1” at the DQ2 bit.
*3 : DQ1 indicates the Write-to-Buffer ABORT status during Write-Buffer-Programming operations.
*4 : The Data Polling algorithm detailed in “Data Polling Algorithm” in sFLOW CHART should be used for Write-
Buffer-Programming operations. Note that DQ7 during Write-Buffer-Programming indicates the data-bar for
DQ7 data for the LAST LOADED WRITE-BUFFER ADDRESS location.
Status
DQ7
DQ6
DQ5
DQ3
DQ2
DQ1*3
In
Progress
Embedded Program Algorithm
DQ7
Toggle
0
0
1
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle*1
N/A
Program
Suspend
Mode
Program-Suspend-Read
(Program Suspended Sector)
Data
Data
Data
Data
Data
Data
Program-Suspend-Read
(Non-Program Suspended Sector)
Data
Data
Data
Data
Data
Data
Erase
Suspend
Mode
Erase-Suspend-Read
(Erase Suspended Sector)
1
1
0
0
Toggle*1
N/A
Erase-Suspend-Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Data
Erase-Suspend-Program
(Non-Erase Suspended Sector)
DQ7
Toggle
0
0
1*2
N/A
Exceeded
Time
Limits
Embedded Program Algorithm
DQ7
Toggle
1
0
1
N/A
Embedded Erase Algorithm
0
Toggle
1
1
N/A
N/A
Erase
Suspend
Mode
Erase-Suspend-Program
(Non-Erase Suspended Sector)
DQ7
Toggle
1
0
N/A
N/A
Write to
Buffer*4
BUSY State
DQ7
Toggle
0
N/A
N/A
0
Exceeded Timing Limits
DQ7
Toggle
1
N/A
N/A
0
ABORT State
N/A
Toggle
0
N/A
N/A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com