전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29PL32TM90 데이터시트(PDF) 17 Page - SPANSION

부품명 MBM29PL32TM90
상세설명  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 데이터시트(HTML) 17 Page - SPANSION

Back Button MBM29PL32TM90 Datasheet HTML 13Page - SPANSION MBM29PL32TM90 Datasheet HTML 14Page - SPANSION MBM29PL32TM90 Datasheet HTML 15Page - SPANSION MBM29PL32TM90 Datasheet HTML 16Page - SPANSION MBM29PL32TM90 Datasheet HTML 17Page - SPANSION MBM29PL32TM90 Datasheet HTML 18Page - SPANSION MBM29PL32TM90 Datasheet HTML 19Page - SPANSION MBM29PL32TM90 Datasheet HTML 20Page - SPANSION MBM29PL32TM90 Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
MBM29PL32TM/BM90/10
17
(Continued)
Note : The address range is A20 to A-1 if in Byte mode (BYTE = VIL) .
The address range is A20 to A0 if in Word mode (BYTE = VIH) .
Sector
Sector Address
Sector
Size
(Kbytes/
Kwords)
(
××××8)
Address Range
(
××××16)
Address Range
A20 A19 A18 A17 A16 A15 A14 A13 A12
SA4
000000100
8/4
008000h to 009FFFh
004000h to 004FFFh
SA3
000000011
8/4
006000h to 007FFFh
003000h to 003FFFh
SA2
000000010
8/4
004000h to 005FFFh
002000h to 002FFFh
SA1
000000001
8/4
002000h to 003FFFh
001000h to 001FFFh
SA0
000000000
8/4
000000h to 001FFFh
000000h to 000FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com