전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29PL32TM90 데이터시트(PDF) 11 Page - SPANSION

부품명 MBM29PL32TM90
상세설명  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 데이터시트(HTML) 11 Page - SPANSION

Back Button MBM29PL32TM90 Datasheet HTML 7Page - SPANSION MBM29PL32TM90 Datasheet HTML 8Page - SPANSION MBM29PL32TM90 Datasheet HTML 9Page - SPANSION MBM29PL32TM90 Datasheet HTML 10Page - SPANSION MBM29PL32TM90 Datasheet HTML 11Page - SPANSION MBM29PL32TM90 Datasheet HTML 12Page - SPANSION MBM29PL32TM90 Datasheet HTML 13Page - SPANSION MBM29PL32TM90 Datasheet HTML 14Page - SPANSION MBM29PL32TM90 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
MBM29PL32TM/BM90/10
11
Sector Group Protection Verify Autoselect Codes
*1 : A-1 is for Byte mode.
*2 : At Word mode, a read cycle at address 01h ( at Byte mode, 02h ) outputs device code. When 227Eh
( at Byte mode, 7Eh ) is output, it indicates that reading two additional codes, called Extended Device
Codes, will be required. Therefore the system may continue reading out these Extended Device
Codes at the address of 0Eh ( at Byte mode, 1Ch ), as well as at 0Fh ( at Byte mode, 1Eh ).
*3 : Outputs 01h at protected sector group addresses and outputs 00h at unprotected sector group addresses.
*4 : Toggle CE, provided SGA
= fix and WE = fix.
The data in the first cycle is invalid. The data in the second one is valid.
Type
A20 to A12
A6
A3
A2
A1
A0
A-1*1
Code (HEX)
Manufacturer’s Code
X
VIL
VIL
VIL
VIL
VIL
VIL
04h
Device Code
Word
XVIL
VIL
VIL
VIL
VIH
X
227Eh
Byte
VIL
7Eh
Extended
Device
Code*2
MBM29PL32TM
Word
XVIL
VIH
VIH
VIH
VIL
X
221Ah
Byte
VIL
1Ah
Word
XVIL
VIH
VIH
VIH
VIH
X
2201h
Byte
VIL
01h
MBM29PL32BM
Word
XVIL
VIH
VIH
VIH
VIL
X
221Ah
Byte
VIL
1Ah
Word
XVIL
VIH
VIH
VIH
VIH
X
2200h
Byte
VIL
00h
Sector Group Protection*4
Sector Group
Addresses
VIL
VIL
VIL
VIH
VIL
VIL
*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com