전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC39RFS12 데이터시트(PDF) 21 Page - Texas Instruments

부품명 DAC39RFS12
상세설명  DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS12 데이터시트(HTML) 21 Page - Texas Instruments

Back Button DAC39RFS12 Datasheet HTML 17Page - Texas Instruments DAC39RFS12 Datasheet HTML 18Page - Texas Instruments DAC39RFS12 Datasheet HTML 19Page - Texas Instruments DAC39RFS12 Datasheet HTML 20Page - Texas Instruments DAC39RFS12 Datasheet HTML 21Page - Texas Instruments DAC39RFS12 Datasheet HTML 22Page - Texas Instruments DAC39RFS12 Datasheet HTML 23Page - Texas Instruments DAC39RFS12 Datasheet HTML 24Page - Texas Instruments DAC39RFS12 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 226 page
background image
6.6 Electrical Characteristics - AC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 10.24 GHz, 8b/10b encoding, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), 8b/10b encoding, unless otherwise noted. FDAC = FCLK
in NRZ, RTZ and RF modes and FDAC = 2*FCLK in DES1X and DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NSD
Noise spectral density, large signal,
sinusoidal output(3)
fOUT = 5997 MHz, 70-MHz offset from
fOUT
–146
dBc/Hz
fOUT = 6997 MHz, 70-MHz offset from
fOUT
–146
dBc/Hz
fOUT = 7997 MHz, 70-MHz offset from
fOUT, IFS_SWITCH = 41 mA
–146
dBc/Hz
fOUT = 7997 MHz, 70-MHz offset from
fOUT
–145
dBc/Hz
fOUT = 8997 MHz, 70-MHz offset from
fOUT
–144
dBc/Hz
NSD
Noise spectral density, small signal,
sinusoidal output(3)
AOUT = -20 dBFS, fOUT = 5997 MHz,
70-MHz offset from fOUT
–148
dBFS/Hz
AOUT = -20 dBFS, fOUT = 6997 MHz,
70-MHz offset from fOUT
–149
dBFS/Hz
AOUT = -20 dBFS, fOUT = 7997 MHz,
70-MHz offset from fOUT, IFS_SWITCH =
41 mA
–152
dBFS/Hz
AOUT = -20 dBFS, fOUT = 7997 MHz,
70-MHz offset from fOUT
–149
dBFS/Hz
AOUT = -20 dBFS, fOUT = 8997 MHz,
70-MHz offset from fOUT
–149
dBFS/Hz
NPR
Noise power ratio, peak
Signal spanning 80% of 2nd Nyquist
zone, notch at center of Nyquist
zone of 5% of Nyquist zone, 12dB
PAR, IFS_SWITCH = 20.5 mA
42.7
dBc
Signal spanning 80% of 2nd Nyquist
zone, notch at center of Nyquist
zone of 5% of Nyquist zone, 12dB
PAR, IFS_SWITCH = 41 mA
43
dBc
ENOB
Effective number of bits
Calculated from peak NPR
8.7
bits
Calculated from peak NPR
9.1
bits
FLATNESS
Flatness of Nyquist zone
Maximum output power to minimum
output power, measured from 10% to
90% of 2nd Nyquist zone, including
sinx/x response with balun
2.4
dB
www.ti.com
DAC39RF10, DAC39RFS10
SBASAC8B – MAY 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC39RF10 DAC39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com