전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC39RFS12 데이터시트(PDF) 13 Page - Texas Instruments

부품명 DAC39RFS12
상세설명  DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS12 데이터시트(HTML) 13 Page - Texas Instruments

Back Button DAC39RFS12 Datasheet HTML 9Page - Texas Instruments DAC39RFS12 Datasheet HTML 10Page - Texas Instruments DAC39RFS12 Datasheet HTML 11Page - Texas Instruments DAC39RFS12 Datasheet HTML 12Page - Texas Instruments DAC39RFS12 Datasheet HTML 13Page - Texas Instruments DAC39RFS12 Datasheet HTML 14Page - Texas Instruments DAC39RFS12 Datasheet HTML 15Page - Texas Instruments DAC39RFS12 Datasheet HTML 16Page - Texas Instruments DAC39RFS12 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
6.6 Electrical Characteristics - AC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 10.24 GHz, 8b/10b encoding, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), 8b/10b encoding, unless otherwise noted. FDAC = FCLK
in NRZ, RTZ and RF modes and FDAC = 2*FCLK in DES1X and DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
10.24 GSPS, DUAL or SINGLE CHANNEL MODE, JMODE 1, 2x Int, NRZ MODE
POUT
Output power into 100Ω
load, IFS_SWITCH = 20.5 mA(3)
fOUT = 97 MHz
1.1
dBm
fOUT = 997 MHz
0.7
dBm
fOUT = 1997 MHz
–0.4
dBm
fOUT = 2997 MHz
–0.8
dBm
fOUT = 3997 MHz
–1.8
dBm
Output power into 100Ω
load, IFS_SWITCH = 41 mA(3)
fOUT = 97 MHz
7.0
dBm
fOUT = 997 MHz
6.8
dBm
fOUT = 1997 MHz
5.5
dBm
fOUT = 2997 MHz
5.1
dBm
fOUT = 3997 MHz
3.1
dBm
SFDR
Spurious free dynamic range (SFDR)
across 0 - FDAC/2, IFS_SWITCH = 20.5
mA
fOUT = 97 MHz
85
dBc
fOUT = 997 MHz
67
dBc
fOUT = 1997 MHz
62
dBc
fOUT = 2997 MHz
61
dBc
fOUT = 3997 MHz
62
dBc
Spurious free dynamic range (SFDR)
across 0 - FDAC/2, IFS_SWITCH = 41
mA
fOUT = 97 MHz
76
dBc
fOUT = 997 MHz
52
dBc
fOUT = 1997 MHz
49
dBc
fOUT = 2997 MHz
50
dBc
fOUT = 3997 MHz
51
dBc
HD2
Second harmonic (HD2), 0 - FDAC/
2, IFS_SWITCH = 20.5 mA
fOUT = 97 MHz
–85
dBc
fOUT = 997 MHz
–79
dBc
fOUT = 1997 MHz
–66
dBc
fOUT = 2997 MHz
–63
dBc
fOUT = 3997 MHz
–62
dBc
Second harmonic (HD2), 0 - FDAC/
2, IFS_SWITCH = 41 mA
fOUT = 97 MHz
–76
dBc
fOUT = 997 MHz
–74
dBc
fOUT = 1997 MHz
–62
dBc
fOUT = 2997 MHz
–65
dBc
fOUT = 3997 MHz
–59
dBc
HD3
Third harmonic (HD3), 0 - FDAC/
2, IFS_SWITCH = 20.5 mA
fOUT = 97 MHz
–94
dBc
fOUT = 997 MHz
–68
dBc
fOUT = 1997 MHz
–64
dBc
fOUT = 2997 MHz
–63
dBc
fOUT = 3997 MHz
–75
dBc
Third harmonic (HD3), 0 - FDAC/
2, IFS_SWITCH = 41 mA
fOUT = 97 MHz
–76
dBc
fOUT = 997 MHz
–56
dBc
fOUT = 1997 MHz
–54
dBc
fOUT = 2997 MHz
–48
dBc
fOUT = 3997 MHz
–51
dBc
www.ti.com
DAC39RF10, DAC39RFS10
SBASAC8B – MAY 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC39RF10 DAC39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com