전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC39RFS12 데이터시트(PDF) 74 Page - Texas Instruments

부품명 DAC39RFS12
상세설명  DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS12 데이터시트(HTML) 74 Page - Texas Instruments

Back Button DAC39RFS12 Datasheet HTML 70Page - Texas Instruments DAC39RFS12 Datasheet HTML 71Page - Texas Instruments DAC39RFS12 Datasheet HTML 72Page - Texas Instruments DAC39RFS12 Datasheet HTML 73Page - Texas Instruments DAC39RFS12 Datasheet HTML 74Page - Texas Instruments DAC39RFS12 Datasheet HTML 75Page - Texas Instruments DAC39RFS12 Datasheet HTML 76Page - Texas Instruments DAC39RFS12 Datasheet HTML 77Page - Texas Instruments DAC39RFS12 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 226 page
background image
6.15 Typical Characteristics: Linearity Sweeps (continued)
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-17 dBFS
-12 dBFS
-7 dBFS
0 dBFS
IFS_SWITCH = 41 mA, DEM/Dither off
Figure 6-167. HD3 vs Frequency and Digital Amplitude in
DES2X Modes
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-17 dBFS
-12 dBFS
-7 dBFS
0 dBFS
IFS_SWITCH = 41 mA, DEM/Dither on
Figure 6-168. HD3 vs Frequency and Digital Amplitude in
DES2X Modes
DEM/Dither on
Figure 6-169. HD3 vs Frequency and Sample Rate in NRZ/RF
Modes
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
4 GSPS, -12 dBFS
6 GSPS, -12 dBFS
8 GSPS, -12 dBFS
10 GSPS, -12 dBFS
4 GSPS, 0 dBFS
6 GSPS, 0 dBFS
8 GSPS, 0 dBFS
10 GSPS, 0 dBFS
DEM/Dither off
Figure 6-170. HD3 vs Frequency and Sample Rate in NRZ/RF
Modes
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
4 GSPS, -12 dBFS
6 GSPS, -12 dBFS
8 GSPS, -12 dBFS
10 GSPS, -12 dBFS
4 GSPS, 0 dBFS
6 GSPS, 0 dBFS
8 GSPS, 0 dBFS
10 GSPS, 0 dBFS
DEM/Dither on
Figure 6-171. HD3 vs Frequency and Sample Rate in DES2X
Modes
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
4 GSPS, -12 dBFS
6 GSPS, -12 dBFS
8 GSPS, -12 dBFS
10 GSPS, -12 dBFS
4 GSPS, 0 dBFS
6 GSPS, 0 dBFS
8 GSPS, 0 dBFS
10 GSPS, 0 dBFS
DEM/Dither off
Figure 6-172. HD3 vs Frequency and Sample Rate in DES2X
Modes
DAC39RF10, DAC39RFS10
SBASAC8B – MAY 2023 – REVISED MARCH 2024
www.ti.com
74
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DAC39RF10 DAC39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com