전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC39RFS12 데이터시트(PDF) 9 Page - Texas Instruments

부품명 DAC39RFS12
상세설명  DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS12 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DAC39RFS12 Datasheet HTML 5Page - Texas Instruments DAC39RFS12 Datasheet HTML 6Page - Texas Instruments DAC39RFS12 Datasheet HTML 7Page - Texas Instruments DAC39RFS12 Datasheet HTML 8Page - Texas Instruments DAC39RFS12 Datasheet HTML 9Page - Texas Instruments DAC39RFS12 Datasheet HTML 10Page - Texas Instruments DAC39RFS12 Datasheet HTML 11Page - Texas Instruments DAC39RFS12 Datasheet HTML 12Page - Texas Instruments DAC39RFS12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 226 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage range
VDDA18A, VDDA18B(1)
1.71
1.8
1.89
V
VEEAM18, VEEBM18(1)
-1.89
-1.8
-1.71
V
VDDCLK18, VDDSYS18, VDDR18(2)
1.71
1.8
1.89
V
VDDLB, VDDLA, VDDCLK10(2)
0.95
1
1.05
V
VDDIO(3)
1.71
1.8
1.89
V
VQPS(3)
0
0
1.89
V
VDDDIG, VDDEB, VDDEA, VDDT(3)
0.95
1
1.05
V
VCMI
Input common mode voltage
CLK+, CLK–(2) (4)
0.4
V
VCMI
Input common mode voltage
SYSREF+, SYSREF–(2) (4)
0
0.4
1.0
V
VID
Input differential peak-to-peak voltage
SYSREF+ to SYSREF–
800
1000
2000
mVPP-DIFF
CLK+ to CLK–, fCLK < 5GHz
800
1000
1400
mVPP-DIFF
CLK+ to CLK–, 5GHz < fCLK < 7.5GHz
800
1000
1800
mVPP-DIFF
CLK+ to CLK–, fCLK > 7.5GHz
800
1000
2000
mVPP-DIFF
DCMIN
CLK+/– duty cycle minimum
45
%
DCMAX
CLK+/– duty cycle maximum
55
%
TA
Operating free-air temperature
-40
85
°C
TJ
Recommended operating junction temperature
105(5)
°C
TJ-MAX
Maximum rated operating junction temperature
125
°C
(1)
Measured to AGND.
(2)
Measured to VSSCLK.
(3)
Measured to DGND.
(4)
SYSREF+/- termination has two options. In option 1 the inputs are weakly self-biased to the optimal common mode voltage, which is
appropriate for AC coupling. In option 2, each input terminal is connected through 50Ohms to ground, which is appropriate to level shift
from a higher common mode voltage.
(5)
Prolonged use above this junction temperature may increase the device failure-in-time (FIT) rate.
6.4 Thermal Information
THERMAL METRIC(1)
17mmx17mm FC-BGA
UNIT
256 PINS
RθJA
Junction-to-ambient thermal resistance
15.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
°C/W
RθJB
Junction-to-board thermal resistance
4.2
°C/W
ΨJT
Junction-to-top characterization parameter
0.4
°C/W
ΨJB
Junction-to-board characterization parameter
4.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
DAC39RF10, DAC39RFS10
SBASAC8B – MAY 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DAC39RF10 DAC39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com