전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T4H080TW 데이터시트(PDF) 44 Page - ABB

부품명 T4H080TW
상세설명  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

T4H080TW 데이터시트(HTML) 44 Page - ABB

Back Button T4H080TW Datasheet HTML 40Page - ABB T4H080TW Datasheet HTML 41Page - ABB T4H080TW Datasheet HTML 42Page - ABB T4H080TW Datasheet HTML 43Page - ABB T4H080TW Datasheet HTML 44Page - ABB T4H080TW Datasheet HTML 45Page - ABB T4H080TW Datasheet HTML 46Page - ABB T4H080TW Datasheet HTML 47Page - ABB T4H080TW Datasheet HTML 48Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
ABB
41
AC1615S - 03/10
T8
T8V
1600A / 2000A / 2500A / 3000A
Insulated Case Circuit Breaker
Dimensions
3P Version: 15.00" H x 16.8" W x 11.2"D
Weight
161 (lbs) 1600A/2000A/2500A
236 (lbs) 3000A
T8V
The Tmax family, conforming to the UL489 and CSA C22.2 No. 5.0 Standards, is enriched
with the TmaxT8 size, which allows 3000 A to be reached. Also avai-
lable in the 1600A, 2000A and 2500A frames, Tmax T8 is equipped with the same electronic
trip units as Tmax T7 thereby guaranteeing extremely high perfor-
mances able to satisfy all installation requirements. Tmax T8 is able to interrupt the following
short-circuit currents: 125kA@480VAC and 100kA@600 VAC.
•
Available in 3 and 4 pole versions
•
Four different frame ratings, 1600, 2000, 2500 & 3000 Amps
•
Available 100% rated version up to 3000A
•
Installation in vertical position only
•
Wide range of CSA/UL field-installable accessories
•
Solid state trip unit available in three different versions:
- PR331/P-LSI
- PR331/P-LSIG
- PR332/P-LI (LCD display)
- PR332/P-LSI (LCD display)
- PR332/P-LSIG (LCD display)
•
The ability to add internal modules for flexible and precise configuration:
Optional modules includes:
- Voltage module
- Signaling module
- Communications module
UL489 / CSA C22.2 Interrupting Capacity (kA RMS)
Voltage
V
240VAC
125
480VAC
125
600VAC
100
IEC 60947-2 Interrupting Capacity (kA RMS)
Voltage
V
230VAC
130
415VAC
130
440VAC
130
500VAC
100
600VAC
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com