전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T4H080TW 데이터시트(PDF) 48 Page - ABB

부품명 T4H080TW
상세설명  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

T4H080TW 데이터시트(HTML) 48 Page - ABB

Back Button T4H080TW Datasheet HTML 44Page - ABB T4H080TW Datasheet HTML 45Page - ABB T4H080TW Datasheet HTML 46Page - ABB T4H080TW Datasheet HTML 47Page - ABB T4H080TW Datasheet HTML 48Page - ABB T4H080TW Datasheet HTML 49Page - ABB T4H080TW Datasheet HTML 50Page - ABB T4H080TW Datasheet HTML 51Page - ABB T4H080TW Datasheet HTML 52Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
ABB
Discount Schedule DS-ST8
45
AC1615S - 03/10
T8
T8V
1600A / 2000A / 2500A / 3000A, 600VAC ∆
Accessories
Locking Devices
Frame Size
Description
Part
Number
List
Price
T8
Key lock open position - different keys
KT8KL-D
Key lock open position - same key no. 20005
KT8KL-20005
Key lock open position - same key no. 20006
KT8KL-20006
Key lock open position - same key no. 20007
KT8KL-20007
Key lock open position - same key no. 20008
KT8KL-20008
Padlock device in open position
KT8EPD1
Padlock device in open position (HD)
KT8EPDHD1
Pushbuttons protection
KT8EPG
Note: KT8EPD1/KT8EPDHD1 are mutually exclusive with KT8EPG
Connection Accessories
Frame Size
Description
Part
Number
List
Price
T8
Cable terminals 1600A (1/0 - 750MCM - kit of 3
K8TL
Cable terminals 2500A (1/0 - 750MCM) - kit of 3
K8TM
Rear T terminal (2500A max.) - kit of 6
KT8VR2500
Rear T terminal (2500A max.) - kit of 8
KT8VR2500-4
Note: K8TL/K8TM requires the installation of KT8PBH-3
Mechanical Accessories
Frame Size
Description
Part
Number
List
Price
T8
Door flange
KT8FCD
IP54 protection cover (NEMA 3S/13)
KT8EDC
Separating partition low PB100 3 pole - 2pcs
KT8PBL-3
Separating partition low PB100 4 pole - 3pcs
KT8PBL-4
Separating partition high PB200 3 pole - 2pcs
KT8PBH-3
Separating partition high PB200 4 pole - 2pcs
KT8PBH-4
Mechanical operation counter
KT8EMC
Accessories for Trip Units
Frame Size
Description
Part
Number
List
Price
T8
Rating plug In=1000A
KT81000RP
Rating plug In=1200A
KT81200RP
RatIng plug In=1600A
KT81600RP
RatIng plug In=2000A
KT82000RP
RatIng plug In=2500A
KT82500RP
RatIng plug In=3000A
KT83000RP
PR330/V for PR332/P 3 pole (voltage measurement)
KT8PR330V-3
PR330/V for PR332/P 4 pole (voltage measurement)
KT8PR330V-4
PR330/D-M for PR332/P (MODBUS RTU communication)
KT8330DMOD
PR030B - Battery power supply unit
KT8EPR030B
Current Sensor for External Neutral
Frame Size
Description
Part
Number
List
Price
T8
Current sensor neutral In=1000-3000A
KT8NCT-3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com