전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T4H080TW 데이터시트(PDF) 52 Page - ABB

부품명 T4H080TW
상세설명  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

T4H080TW 데이터시트(HTML) 52 Page - ABB

Back Button T4H080TW Datasheet HTML 48Page - ABB T4H080TW Datasheet HTML 49Page - ABB T4H080TW Datasheet HTML 50Page - ABB T4H080TW Datasheet HTML 51Page - ABB T4H080TW Datasheet HTML 52Page - ABB T4H080TW Datasheet HTML 53Page - ABB T4H080TW Datasheet HTML 54Page - ABB T4H080TW Datasheet HTML 55Page - ABB T4H080TW Datasheet HTML 56Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
ABB
Discount Schedule DS-STA
49
AC1615S - 03/10
Acc.
Accessories
Electrical
T1-T6
KTs3AS
T1 with K3TAS
Auxiliary Contacts - AUX (1)
Auxiliary contacts are for indication of the circuit breaker open-closed. Bell alarm contacts (BA) can be
used to indicate circuit breaker tripped.
Frame Size
Factory Installation
Field Installation
Part Number
Suffix
List Price
Adder
Part
Number
List
Price
T1-T2-T3 (2)
1 AUX "C" + 1 BA "C" 250VAC/DC
A
KT3AS
3 AUX "C" + 1 BA "C" 250VAC/DC
A3
KT3AS3
T2 (3)
2 AUX "C" + 1 BA "C" PR221DS
AE
KT2AS-E
1 AUX "C" + 1 BA "C" + 1S51 "C" PR221DS
AE2
KT2AS-E2
Ts3
2 AUX "C" 250VAC/DC
A
KTs3AS
1 AUX "C" + 1 BA "C" 250VAC/DC
BA
KTs3BA
T4-T5-T6
1 AUX "C" + 1 BA "C" 250VAC/DC
A
KT6AS
2 AUX "C" 400VAC
A2
KT6AS2
3 AUX "C" + 1 BA "C" 250VAC/DC
A3
KT6AS3
3 AUX "C" + 1 BA "C" 24VDC
A3L
KT6AS3L
Auxiliary Contact Connector (Required for Ts3) (4)
Ts3
Fixed
Not required for factory installed
Not required for factory installed
KTs3C-AB
Plug-In /Drawout
KTs3C-ABP
(1) Add suffix to circuit breaker part number. See p.4 for more details.
(2) Not compatible for T2 with PR221DS trip unit.
(3) For installation on T2 with PR221DS electronic trip unit
(4) Must be ordered separately for field installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com