전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T4H080TW 데이터시트(PDF) 5 Page - ABB

부품명 T4H080TW
상세설명  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

T4H080TW 데이터시트(HTML) 5 Page - ABB

  T4H080TW Datasheet HTML 1Page - ABB T4H080TW Datasheet HTML 2Page - ABB T4H080TW Datasheet HTML 3Page - ABB T4H080TW Datasheet HTML 4Page - ABB T4H080TW Datasheet HTML 5Page - ABB T4H080TW Datasheet HTML 6Page - ABB T4H080TW Datasheet HTML 7Page - ABB T4H080TW Datasheet HTML 8Page - ABB T4H080TW Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
2
ABB
AC1615S - 03/10
Tmax
Selection Guide
Circuit Breakers for Power Distribution
T1 – Ts3
(1) In15A = 10kA@277VAC 10kA@347VAC
(2) In15A = 35kA@240VAC 14kA@480Y/277 VAC
(3) In from 15A up to 30A=65kA@480V AC
T1 1P
T1
T2
T3
Ts3
Type
Tmax T1 1p
Tmax T1
Tmax T2
Tmax T3
Tmax Ts3
Tmax Ts3
Frame size
[A]
100
100
100
225
150
225
Number of poles
[Nr]
1
3-4
3-4
3-4
2-3-4
2-3-4
Rated voltage
AC (50-60Hz)
[V]
347
600Y/347
480
600Y/347
600
480
DC
[V]
500
500
600
500
Interrupting
ratings
BN
S
H
N
S
N
H
L
N
H
L
240V AC
[kA rms]
50 (2)
65
100
50
65
65
100
150
65
100
150
277V AC
[kA rms]
18 (1)
347V AC
[kA rms]
14 (1)
480V AC
[kA rms]
22 (2)
35
65
25
35
25
50
85 (3)
25
50
65
600Y/347V AC
[kA rms]
10
10
10
600V AC
[kA rms]
14
14
25
250V DC (2 poles in series) [kA rms]
25
25
35
500V DC (3 poles in series) [kA rms]
25
25
35
500V DC (2 poles in series) [kA rms]
35
50
65
20
35
50
600V DC (3 poles in series) [kA rms]
20
35
50
Trip units
TMF
••
•
•
•
•
TMD/TMA
MA
••
•
•
Electronic
•
Dimensions
H
[in/mm]
5.12/130
5.12/130
5.12/130
5.9/150
6.7/170
6.7/170
W 3p
[in/mm]
1/25.4
3/76
3.54/90
4.13/105
4.13/105
4.13/105
D
[in/mm]
2.76/70
2.76/70
2.76/70
2.76/70
4.07/103.5
4.07/103.5
Mechanical life
[No. operations]
25000
25000
25000
25000
25000
25000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com